Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC05V7GRS/D Fiches technique(PDF) 65 Page - NXP Semiconductors

No de pièce HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Fiches technique(HTML) 65 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 61Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 62Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 63Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 64Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 65Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 66Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 170 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 51
MC68HC05V7 Specification Rev. 1.0
Figure 7-4:
Using the 68HC05V7 with an External Regulator
If the regulator enable option is not selected, the MDLCPU option and the PDC bit have no
affect. The VDDC option will remain available.
Figure 7-5 is a block diagram of the regulator control circuit. It illustrates how the
MISCELLANEOUS register bits, VIGN, BUS and the Mask options interact in the power
moding scheme.
VBATT
VDD
VDD
VCCA
VIGN
VSS,VSS
VSSA1
VSSA2
VBATT
External
Regulator
+5 Volts
0.1
µ
0.1
µ
0.1
µ
MCU
705V8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More