| Moteur de recherche de fiches techniques de composants électroniques |
|
HC05V7GRS/D Fiches technique(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05V7GRS/D Fiches technique(HTML) 58 Page - NXP Semiconductors |
|
58 / 170 page ![]() SECTION 6: RESETS Page 44 MC68HC05V7 Specification Rev. 1.0 If any other reset function is active at the end of the LVR reset signal, the RST signal will remain in the reset condition until the other reset condition(s) end. 6.2.5 ILLEGAL ADDRESS An illegal address reset is generated when the CPU attempts to fetch an instruction from either unimplemented address space ($01C0 to $023F and $02C0 to $17FF) or I/O address space ($0000 to $003F). The illegal address reset will activate the internal pulldown device connected to the RESET pin. 6.2.6 DISABLED STOP INSTRUCTION When the mask option is selected to disable the STOP instruction, execution of a STOP instruction results in an internal reset. This activates the internal pulldown device connected to the RESET pin. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |