Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC05V7GRS/D Fiches technique(PDF) 133 Page - NXP Semiconductors

No de pièce HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Fiches technique(HTML) 133 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 129Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 130Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 131Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 132Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 133Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 134Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 135Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 136Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 119
MC68HC05V7 Specification Rev. 1.0
15.5.4.5
Valid EOF & IFS Symbol
If the passive to active transition beginning the SOF symbol of the next message occurs
between
a and b, the current symbol will be considered a valid EOF symbol. If the passive
to active transition beginning the SOF symbol of the next message occurs between
c and
d, the current symbol will be considered a valid EOF symbol followed by a valid IFS symbol.
All nodes must wait until a valid IFS symbol time has expired before beginning
transmission. However, due to variations in clock frequencies and bus loading, some nodes
may recognize a valid IFS symbol before others, and immediately begin transmitting.
Therefore, anytime a node waiting to transmit detects a passive to active transition once a
valid EOF has been detected, it should immediately begin transmission, initiating the
arbitration process. See Figure 15-13(1&2).
15.5.4.6
Idle Bus
If the passive to active transition beginning the SOF symbol of the next message does not
occur before
d, the bus is considered to be idle, and any node wishing to transmit a
message may do so immediately.
cd
(2) Valid EOF+
IFS Symbol
280
µs
580
µs
ab
(1) Valid EOF
Symbol
Figure 15-13 :
J1850 VPW EOF and IFS Symbols
Active
Passive
Active
Passive
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More