| Moteur de recherche de fiches techniques de composants électroniques |
|
STA309A Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 71 page ![]() DocID13855 Rev 6 19/71 STA309A Registers 71 7 Registers 7.1 Register summary Table 8. Register summary Addr Name D7 D6 D5 D4 D3 D2 D1 D0 Configuration 0x00 CONFA COS1 COS0 DSPB IR1 IR0 MCS2 MCS1 MCS0 0x01 CONFB Reserved SAIFB SAI3 SAI2 SAI1 SAI0 0x02 CONFC Reserved SAOFB SAO3 SAO2 SAO1 SAO0 0x03 CONFD MPC CSZ4 CSZ3 CSZ2 CSZ1 CSZ0 OM1 OM0 0x04 CONFE C8BO C7BO C6BO C5BO C4BO C3BO C2BO C1BO 0x05 CONFF PWMS2 PWMS1 PWMS0 BQL PSL DEMP DRC HPB 0x06 CONFG MPCV DCCV HPE AM2E AME COD SID PWMD 0x07 CONFH ECLE LDTE BCLE IDE ZDE SVE ZCE NSBW 0x08 CONFI EAPD Reserved PSCE Volume control 0x09 MMUTE Reserved MMUTE 0x0A MVOL MV7 MV6 MV5 MV4 MV3 MV2 MV1 MV0 0x0B C1VOL C1V7 C1V6 C1V5 C1V4 C1V3 C1V2 C1V1 C1V0 0x0C C2VOL C2V7 C2V6 C2V5 C2V4 C2V3 C2V2 C2V1 C2V0 0x0D C3VOL C3V7 C3V6 C3V5 C3V4 C3V3 C3V2 C3V1 C3V0 0x0E C4VOL C4V7 C4V6 C4V5 C4V4 C4V3 C4V2 C4V1 C4V0 0x0F C5VOL C5V7 C5V6 C5V5 C5V4 C5V3 C5V2 C5V1 C5V0 0x10 C6VOL C6V7 C6V6 C6V5 C6V4 C6V3 C6V2 C6V1 C6V0 0x11 C7VOL C7V7 C7V6 C7V5 C7V4 C7V3 C7V2 C7V1 C7V0 0x12 C8VOL C8V7 C8V6 C8V5 C8V4 C8V3 C8V2 C8V1 C8V0 0x13 C1VTMB C1M C1VBP Reserved C1VT4 C1VT3 C1VT2 C1VT1 C1VT0 0x14 C2VTMB C2M C2VBP Reserved C2VT4 C2VT3 C2VT2 C2VT1 C2VT0 0x15 C3VTMB C3M C3VBP Reserved C3VT4 C3VT3 C3VT2 C3VT1 C3VT0 0x16 C4VTMB C4M C4VBP Reserved C4VT4 C4VT3 C4VT2 C4VT1 C4VT0 0x17 C5VTMB C5M C5VBP Reserved C5VT4 C5VT3 C5VT2 C5VT1 C5VT0 0x18 C6VTMB C6M C6VBP Reserved C6VT4 C6VT3 C6VT2 C6VT1 C6VT0 0x19 C7VTMB C7M C7VBP Reserved C7VT4 C7VT3 C7VT2 C7VT1 C7VT0 0x1A C8VTMB C8M C8VBP Reserved C8VT4 C8VT3 C8VT2 C8VT1 C8VT0 Input mapping 0x1B C12IM Reserved C2IM2 C2IM1 C2IM0 Reserved C1IM2 C1IM1 C1IM0 |