| Moteur de recherche de fiches techniques de composants électroniques |
|
STA309A Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 71 page ![]() Registers STA309A 46/71 DocID13855 Rev 6 7.2.36 AGEQ - graphic EQ 80-Hz band (0x23) 7.2.37 BGEQ - graphic EQ 300-Hz band (0x24) 7.2.38 CGEQ - graphic EQ 1-kHz band (0x25) 7.2.39 DGEQ - graphic EQ 3-kHz band (0x26) 7.2.40 EGEQ - graphic EQ 8-kHz band (0x27) D7 D6 D5 D4 D3 D2 D1 D0 Reserved AGEQ4 AGEQ3 AGEQ2 AGEQ1 AGEQ0 0 0 0 0 1 1 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Reserved BGEQ4 BGEQ3 BGEQ2 BGEQ1 BGEQ0 0 0 0 0 1 1 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Reserved CGEQ4 CGEQ3 CGEQ2 CGEQ1 CGEQ0 0 0 0 0 1 1 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Reserved DGEQ4 DGEQ3 DGEQ2 DGEQ1 DGEQ0 0 0 0 0 1 1 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Reserved EGEQ4 EGEQ3 EGEQ2 EGEQ1 EGEQ0 0 0 0 0 1 1 1 1 Table 66. xGEQ bits xGEQ[4:0] Boost / cut 11111 +16 11110 +15 11101 +14 … … 10000 +1 01111 0 01110 -1 … … 00001 -14 00000 -15 |