Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA309A Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STA309A
Description  Multi-channel digital audio processor with DDX®
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 61Page - STMicroelectronics STA309A Datasheet HTML 62Page - STMicroelectronics STA309A Datasheet HTML 63Page - STMicroelectronics STA309A Datasheet HTML 64Page - STMicroelectronics STA309A Datasheet HTML 65Page - STMicroelectronics STA309A Datasheet HTML 66Page - STMicroelectronics STA309A Datasheet HTML 67Page - STMicroelectronics STA309A Datasheet HTML 68Page - STMicroelectronics STA309A Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
DocID13855 Rev 6
65/71
STA309A
Equalization and mixing
71
8.4
PSCorrect registers
ADC is used to input ripple data to SDI78. The left channel (7) is used internally. No audio
data can therefore be used on these channels. Though all channel mapping and mixing
from other inputs to channels 7 and 8 internally are still valid.
8.4.1
PSC1-2: ripple correction value (RCV) (0x51, 0x52)
Equivalent to negative maximum ripple peak as a percentage of Vcc (MPR), scaled by the
inverse of maximum ripple p-p as percentage of full-scale analog input to ADC.
Represented as a 1.11 signed fractional number.
8.4.2
PSC3: correction normalization value (CNV) (0x53)
Equivalent to 1 / (1+MPR) expressed as a 0.12 unsigned fractional number.
D7
D6
D5
D4
D3
D2
D1
D0
RCV11
RCV10
RCV9
RCV8
RCV7
RCV6
RCV5
RCV4
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
RCV3
RCV2
RCV1
RCV0
CNV11
CNV10
CNV9
CNV8
0
0
0
0
1
1
1
1
D7
D6
D5
D4
D3
D2
D1
D0
CNV7
CNV6
CNV5
CNV4
CNV3
CNV2
CNV1
CNV0
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71