| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2004DIE2 Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004DIE2 Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 66 page ![]() STE2004 50/66 Figure 65. Application Schematic using the Internal LCD Voltage Generator and two separate supplies Figure 66. Application Schematic using the Internal LCD Voltage Generator and a single supply VDD2 VDD1 VDD2 I/O VDD1 VSS VLCDSENSE VLCD VSS 65 x 102 DISPLAY 32 102 33 1 µF1µF 1 µF VDD VDD2 I/O VDD1 VSS VLCDSENSE VLCD VSS 32 33 1 µF 65 x 102 DISPLAY 102 1 µF |