| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2004DIE2 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004DIE2 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 66 page ![]() 41/66 STE2004 Table 11. Extended Instruction Set Instruction D/C R/W Description B7 B6 B5 B4 B3 B2 B1 B0 H Independent Instructions Read Command 0 0000 00000 Read I2C Address or Status Byte (with 3-Lines Serial & 4-lines SPI only) 0 0001 MX MY PD H[1] H[0] Page selector, Power Down Management; Entry Mode Status Byte 0 1 PD BSY 0 DE MX MY DO ID Code 0 1 0 01 111 ID1 ID0 Write Data 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Writes data to RAM H=[0;0] RAM Commands Memory Blank 0 0000 00001 Starts Memory Blank Procedure Scroll 0 0000 0001 DIR Scrolls by one Row UP or DOWN VLCD Range Setting 0 0000 001 PRS [1] PRS [0] VLDC programming range selection Display Control 0 0000 01 D 0 E Select Display Configuration Set CP Factor 0 0000 10 S2 S1 S0 Charge Pump Multiplication factor Set RAM Y 0 0010 0 Y3 Y2 Y1 Y0 Set Horizontal (Y) RAM Address Set RAM X 0 0 1 X6X5X4X3 X2 X1 X0 Set Vertical (X) RAM Address H=[0;1] Checker Board 0 0000 00001 Starts Checker Board Procedure 0 0000 0001 V Vertical Addressing Mode TC Select 0 0000 001 TC1 TC0 Set Temperature Coefficient for VLDC Data Order 0 0000 01 DO 00 MSB Position Bias Ratios 0 0000 10 BS2 BS1 BS0 Set desired Bias Ratios Read Mode, 0 0010 0 R 000 Set VOP 00 1 OP6 OP5 OP4 OP3 OP2 OP1 OP0 VOP register Write instruction H=[1;0] Driver Control 0 0000 00001 Software RESET Display Control 0 0000 0001 PE Partial Enable 0 0000 001 FR1 FR0 Frame rate Control 0 0000 01 0 M[1] M[0] Mux Ratio Partial Mode 0 0000 10 PDC 2 PDC 1 PDC 0 Partial Display Config 0 001 PD Y5 PD Y4 PD Y3 PD Y2 PD Y1 PD Y0 1st Sector Start Address 00 1 PD Y6 PD Y5 PD Y4 PD Y3 PD Y2 PD Y1 PD Y0 2nd Sector Start Address H=[1;1] 0 0000 00001 Scrolling Pointer Reset 0 0000 0001 X Not Used 0 0000 001 X X Not Used 0 0000 01 T2 T1 T0 Set Temperature Coefficient for VLDC 0 0000 1 NW3NW2 NW1NW0 N-Line Inversion 0 0010 0 YC-3 YC-2 YC-1 YC-0 Y-CARRIAGE RETURN 00 1 XC-6 XC-5 XC-4 XC-3 XC-2 XC-1 XC-0 X CARRIAGE RETURN |