| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2004DIE2 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004DIE2 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 66 page ![]() 39/66 STE2004 Figure 53. Dual Partial Display Enabling Instruction Flow Figure 54. Dual Partial Display Mode configuration or Duty Change Table 9. Partial Display Configurations PDC 2 PDC 1 PDC 0 SECTION 1 SECTION2 RESET STATE 0 0 0 0 8 + Icon Row 0 0 1 8 0 + Icon Row 0 1 0 8 8 + Icon Row 0 1 1 0 16 + Icon Row 000 1 0 0 16 0 + Icon Row 1 0 1 8 16 + Icon Row 1 1 0 16 8 + Icon Row 1 1 1 16 16 + Icon Row ENABLE DUAL PARTIAL DISPLAY END OF ENABLING DUAL PARTIAL DISPLAY SET PE=1 OPTIONAL1 SET 1st Sector Start Address SET 2nd Sector Start Address SETUP PARTIAL DISPLAY CONFIGURATION SET Driver in Power Down(PD=1) SET Driver in Partial Display Mode (PE=1) END OF PARTIAL DISPLAY CONFIG. SET PRS[1:0], Vop[6:0], BS[2:0], CP[2:0] for Partial Display Operation SET Driver in Normal Mode (PE=0) SET Partial Display Configuration (PDC[2:0]) SET 1st Sector Start Address SET 2nd Sector Start Address OPTIONAL |