Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L8150 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 29Page - STMicroelectronics L8150 Datasheet HTML 30Page - STMicroelectronics L8150 Datasheet HTML 31Page - STMicroelectronics L8150 Datasheet HTML 32Page - STMicroelectronics L8150 Datasheet HTML 33Page - STMicroelectronics L8150 Datasheet HTML 34Page - STMicroelectronics L8150 Datasheet HTML 35Page - STMicroelectronics L8150 Datasheet HTML 36Page - STMicroelectronics L8150 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
L8150
Input Output Pins Interface
33/37
8
Input Output Pins Interface
In the following the simplified schematics of all the device pins.
Figure 24.
Pins: TSD, OV, SDT, INTinN, INTinP Figure 25. Pins: TO
Figure 26.
Pins: RF
Figure 27. Pins: INTout
Figure 28.
Pins: OSC
Figure 29. Pins: FG, DM, FAULT
VREG
TSD,OV,SDT,
INTinN,INTinP
D01IN1267
VREG
ALWAYS OFF
TO
D01IN1268
VREG
RF
D01IN1269
VREG
INTout
ACTIVE DURING
ADCS SAMPLING
D01IN1270
VREG
OSC
D01IN1271
VREG
FG,DM
FAULT
D01IN1272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37