Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24M01-DF Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce M24M01-DF
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-DF Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button M24M01-DF Datasheet HTML 36Page - STMicroelectronics M24M01-DF Datasheet HTML 37Page - STMicroelectronics M24M01-DF Datasheet HTML 38Page - STMicroelectronics M24M01-DF Datasheet HTML 39Page - STMicroelectronics M24M01-DF Datasheet HTML 40Page - STMicroelectronics M24M01-DF Datasheet HTML 41Page - STMicroelectronics M24M01-DF Datasheet HTML 42Page - STMicroelectronics M24M01-DF Datasheet HTML 43Page - STMicroelectronics M24M01-DF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Package information
M24M01-R M24M01-DF
40/47
DocID12943 Rev 14
Figure 21. WLCSP- 8-bump, with BSC, 2.578 x 1.716 mm, wafer level chip scale
package outline
1. Drawing is not to scale.
2. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
Table 20. WLCSP- 8-bump, with BSC, 2.578 x 1.716 mm, wafer level chip scale
package outline
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.525
0.565
0.605
0.0207
0.0222
0.0238
A1
-
0.190
-
-
0.0075
-
A2
-
0.350
-
-
0.0138
-
A3
-
0.025
-
-
0.0010
-
b(2)
-
0.270
-
-
0.0106
-
D
-
2.578
2.598
-
0.1015
0.1023
E
-
1.716
1.736
-
0.0676
0.0683
e
-
1.000
-
-
0.0394
-
e1
-
0.866
-
-
0.0341
-
e2
-
0.500
-
-
0.0197
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47