| Moteur de recherche de fiches techniques de composants électroniques |
|
M24M01-DF Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-DF Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 47 page ![]() DocID12943 Rev 14 25/47 M24M01-R M24M01-DF DC and AC parameters 46 Table 10. Cycling performance Symbol Parameter Test condition(1) 1. Cycling performance for products identified by process letter K Max. Unit Ncycle Write cycle endurance(2) 2. The write cycle endurance is defined for group of four bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3] where N is an integer. The Write cycle endurance is defined by characterization and qualification. TA ≤ 25 °C, VCC(min) < VCC < VCC(max) 4,000,000 Write cycle(3) 3. A Write cycle is executed when either a Page Write, a Byte write, a Write Identification Page or a Lock Identification Page instruction is decoded. When using the Byte Write, the Page Write or the Write Identification Page, refer also to Section 5.1.5: ECC (Error Correction Code) and Write cycling TA = 85 °C, VCC(min) < VCC < VCC(max) 1,200,000 Table 11. Memory cell data retention Parameter Test condition Min. Unit Data retention(1) 1. For products identified by process letter . The data retention behavior is checked in production, while the 200-year limit is defined from characterization and qualification results. TA = 55 °C 200 Year |