Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24M01-DF Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M24M01-DF
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-DF Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button M24M01-DF Datasheet HTML 2Page - STMicroelectronics M24M01-DF Datasheet HTML 3Page - STMicroelectronics M24M01-DF Datasheet HTML 4Page - STMicroelectronics M24M01-DF Datasheet HTML 5Page - STMicroelectronics M24M01-DF Datasheet HTML 6Page - STMicroelectronics M24M01-DF Datasheet HTML 7Page - STMicroelectronics M24M01-DF Datasheet HTML 8Page - STMicroelectronics M24M01-DF Datasheet HTML 9Page - STMicroelectronics M24M01-DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Description
M24M01-R M24M01-DF
6/47
DocID12943 Rev 14
1
Description
The M24M01 is a 1 Mbit I2C-compatible EEPROM (Electrically Erasable PROgrammable
Memory) organized as 128 K × 8 bits.
The M24M01-R can operate with a supply voltage from 1.8 V to 5.5 V, and the M24M01-DF
can operate with a supply voltage from 1.7 V to 5.5 V, over an ambient temperature range of
–40 °C / +85 °C.
The M24M01-D offers an additional page, named the Identification Page (256 byte). The
Identification Page can be used to store sensitive application parameters which can be
(later) permanently locked in Read-only mode.
Figure 1. Logic diagram
Table 1. Signal names
Signal name
Function
Direction
E1, E2
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
-
VSS
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47