| Moteur de recherche de fiches techniques de composants électroniques |
|
AM68AX Fiches technique(PDF) 83 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM68AX Fiches technique(HTML) 83 Page - Texas Instruments |
|
83 / 251 page ![]() Table 6-95. MCASP4 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCASP4_AXR3 IO MCASP Serial Data (Input/Output) R27 MCASP4_AXR4 IO MCASPI Serial Data (Input/Output) AA25 6.3.22 DMTIMER 6.3.22.1 MAIN Domain Table 6-96. DMTIMER Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN TIMER_IO0 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AE25 TIMER_IO1 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AG25 TIMER_IO2 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) R22 TIMER_IO3 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) R24 TIMER_IO4 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) P24 TIMER_IO5 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) M23 TIMER_IO6 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) P23 TIMER_IO7 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) N24 6.3.22.2 MCU Domain Table 6-97. MCU_DMTIMER Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_TIMER_IO0 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) B25, C21 MCU_TIMER_IO1 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) B26, F25 MCU_TIMER_IO2 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) E22 MCU_TIMER_IO3 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) E21 MCU_TIMER_IO4 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) D23 MCU_TIMER_IO5 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) C22 MCU_TIMER_IO6 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) F24, G27 MCU_TIMER_IO7 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) H26, J26 MCU_TIMER_IO8 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) B24 MCU_TIMER_IO9 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) D25 www.ti.com AM68A SPRSP91 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 83 Product Folder Links: AM68A |