| Moteur de recherche de fiches techniques de composants électroniques |
|
AM68AX Fiches technique(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM68AX Fiches technique(HTML) 74 Page - Texas Instruments |
|
74 / 251 page ![]() 6.3.9.2 MCU Domain Table 6-64. MCU_MDIO0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_MDIO0_MDC O MDIO Clock A21 MCU_MDIO0_MDIO IO MDIO Data A22 6.3.10 CPSW2G 6.3.10.1 MAIN Domain Table 6-65. CPSW2G0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN CLKOUT IO RMII Clock Output U24 RGMII1_RXC I RGMII Receive Clock AD26 RGMII1_RX_CTL I RGMII Receive Control AC25 RGMII1_TXC O RGMII Transmit Clock U25 RGMII1_TX_CTL O RGMII Transmit Control T24 RGMII1_RD0 I RGMII Receive Data 0 AA24 RGMII1_RD1 I RGMII Receive Data 1 AB25 RGMII1_RD2 I RGMII Receive Data 2 T23 RGMII1_RD3 I RGMII Receive Data 3 U24 RGMII1_TD0 O RGMII Transmit Data 0 T25 RGMII1_TD1 O RGMII Transmit Data 1 W24 RGMII1_TD2 O RGMII Transmit Data 2 AA25 RGMII1_TD3 O RGMII Transmit Data 3 V25 RMII1_CRS_DV I RMII Carrier Sense / Data Valid V25 RMII1_RX_ER I RMII Receive Data Error T24 RMII1_TX_EN O RMII Transmit Enable AC25 RMII1_RXD0 I RMII Receive Data 0 W24 RMII1_RXD1 I RMII Receive Data 1 AA25 RMII1_TXD0 O RMII Transmit Data 0 AB25 RMII1_TXD1 O RMII Transmit Data 1 AD26 RMII_REF_CLK I RMII Reference Clock T23 6.3.10.2 MCU Domain Table 6-66. MCU_CPSW2G0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_RGMII1_RXC I RGMII Receive Clock D22 MCU_RGMII1_RX_CTL I RGMII Receive Control E23 MCU_RGMII1_TXC O RGMII Transmit Clock F21 MCU_RGMII1_TX_CTL O RGMII Transmit Control F22 MCU_RGMII1_RD0 I RGMII Receive Data 0 B22 MCU_RGMII1_RD1 I RGMII Receive Data 1 B21 MCU_RGMII1_RD2 I RGMII Receive Data 2 C22 MCU_RGMII1_RD3 I RGMII Receive Data 3 D23 MCU_RGMII1_TD0 O RGMII Transmit Data 0 F23 MCU_RGMII1_TD1 O RGMII Transmit Data 1 G22 MCU_RGMII1_TD2 O RGMII Transmit Data 2 E21 MCU_RGMII1_TD3 O RGMII Transmit Data 3 E22 AM68A SPRSP91 – FEBRUARY 2023 www.ti.com 74 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM68A |