| Moteur de recherche de fiches techniques de composants électroniques |
|
AM68AX Fiches technique(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM68AX Fiches technique(HTML) 69 Page - Texas Instruments |
|
69 / 251 page ![]() Table 6-34. MCAN13 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN13_TX O MCAN Transmit Data AE25, AE28 Table 6-35. MCAN14 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN14_RX I MCAN Receive Data AF26, W23 MCAN14_TX O MCAN Transmit Data AD25, AE27 Table 6-36. MCAN15 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN15_RX I MCAN Receive Data AA23, N24 MCAN15_TX O MCAN Transmit Data P23, Y24 Table 6-37. MCAN16 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN16_RX I MCAN Receive Data AB24 MCAN16_TX O MCAN Transmit Data Y28 Table 6-38. MCAN17 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN17_RX I MCAN Receive Data AC27, AD24 MCAN17_TX O MCAN Transmit Data V23 6.3.6.2 MCU Domain Table 6-39. MCU_MCAN0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_MCAN0_RX I MCAN Receive Data E28 MCU_MCAN0_TX O MCAN Transmit Data E27 Table 6-40. MCU_MCAN1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_MCAN1_RX I MCAN Receive Data F26 MCU_MCAN1_TX O MCAN Transmit Data C23 6.3.7 MCSPI 6.3.7.1 MAIN Domain Table 6-41. MCSPI0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN SPI0_CLK IO SPI Clock AH27 SPI0_CS0 IO SPI Chip Select 0 AE27 SPI0_CS1 IO SPI Chip Select 1 AF26 SPI0_CS2 IO SPI Chip Select 2 AA23 SPI0_CS3 IO SPI Chip Select 3 AB24 SPI0_D0 IO SPI Data 0 AG26 SPI0_D1 IO SPI Data 1 AH26 www.ti.com AM68A SPRSP91 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 69 Product Folder Links: AM68A |