Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMAV340 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STMAV340
Description  Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV340 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STMAV340 Datasheet HTML 12Page - STMicroelectronics STMAV340 Datasheet HTML 13Page - STMicroelectronics STMAV340 Datasheet HTML 14Page - STMicroelectronics STMAV340 Datasheet HTML 15Page - STMicroelectronics STMAV340 Datasheet HTML 16Page - STMicroelectronics STMAV340 Datasheet HTML 17Page - STMicroelectronics STMAV340 Datasheet HTML 18Page - STMicroelectronics STMAV340 Datasheet HTML 19Page - STMicroelectronics STMAV340 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
6 Test Circuit and Diagrams
STMAV340
16/21
A 50
Ω termination resistor is needed for the network analyzer. Off-isolation is measured at the
output of the OFF channel. For example, when VSEL = VCC, VOE_N = 0 and 1A is the input, the
output is measured at 1B. All unsued analog input ports are left open, and the output ports are
connected to GND through the 50
Ω pulldown resistors.
Figure 12. Off-Isolation Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21