Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMAV340 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STMAV340
Description  Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV340 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STMAV340 Datasheet HTML 9Page - STMicroelectronics STMAV340 Datasheet HTML 10Page - STMicroelectronics STMAV340 Datasheet HTML 11Page - STMicroelectronics STMAV340 Datasheet HTML 12Page - STMicroelectronics STMAV340 Datasheet HTML 13Page - STMicroelectronics STMAV340 Datasheet HTML 14Page - STMicroelectronics STMAV340 Datasheet HTML 15Page - STMicroelectronics STMAV340 Datasheet HTML 16Page - STMicroelectronics STMAV340 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STMAV340
6 Test Circuit and Diagrams
13/21
Differential gain and phase are measured at the output of the ON channel. For example, when
VSEL = 0, VOE_N = 0 and 1A is the input, the output is measured at 1B.
Figure 9.
Differential Gain/Phase Measurement Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21