Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMAV340 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STMAV340
Description  Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV340 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STMAV340 Datasheet HTML 10Page - STMicroelectronics STMAV340 Datasheet HTML 11Page - STMicroelectronics STMAV340 Datasheet HTML 12Page - STMicroelectronics STMAV340 Datasheet HTML 13Page - STMicroelectronics STMAV340 Datasheet HTML 14Page - STMicroelectronics STMAV340 Datasheet HTML 15Page - STMicroelectronics STMAV340 Datasheet HTML 16Page - STMicroelectronics STMAV340 Datasheet HTML 17Page - STMicroelectronics STMAV340 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
6 Test Circuit and Diagrams
STMAV340
14/21
Frequency response is measured at the output of the ON channel. For example, when VSEL =
0, VOE_N = 0 and 1A is the input, the output is measured at 1B. All unused analog I/O ports are
left open.
Figure 10. Frequency Response (BW) Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21