| Moteur de recherche de fiches techniques de composants électroniques |
|
LIS2DUX12TR Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DUX12TR Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 102 page ![]() 6.2.1 SPI read Figure 13. SPI read protocol CS SPC SDI SDO RW DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 AD5 AD4 AD3 AD2 AD1 AD0 AD6 The SPI read command is performed with 16 clock pulses. A multiple byte read command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: READ bit. The value is 1. bit 1-7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first). bit 16-... : data DO(...-8). Additional data in multiple byte reads. Figure 14. Multiple byte SPI read protocol (2-byte example) CS SPC SDI SDO RW DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 AD5 AD4 AD3 AD2 AD1 AD0 DO15 DO14DO13DO12 DO11DO10 DO9 DO8 AD6 LIS2DUX12 SPI bus interface DS14071 - Rev 2 page 28/102 |