Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS2DUX12TR Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 48Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 49Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 50Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 51Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 52Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 53Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 54Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 55Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
8.31
OUT_T_L (2Eh)
R
Table 82. OUT_T_L register
OUTT7
OUTT6
OUTT5
OUTT4
OUTT3
OUTT2
OUTT1
OUTT0
Table 83. OUT_T_L register description
OUTT[7:0] LSBs of temperature data output. The four least significant bits are always zero since the data is in 12-bit format.
8.32
OUT_T_H (2Fh)
R
Table 84. OUT_T_H register
OUTT15
OUTT14
OUTT13
OUTT12
OUTT11
OUTT10
OUTT9
OUTT8
Table 85. OUT_T_H register description
OUTT[15:8]
MSBs of temperature data output
LIS2DUX12
OUT_T_L (2Eh)
DS14071 - Rev 2
page 52/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More