Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS2DUX12TR Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 20Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 21Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 22Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 23Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 24Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 25Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 26Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 27Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
5.8
Adaptive self-configuration (ASC)
The LIS2DUX12 supports the adaptive self-configuration (ASC) feature, which allows the FSM to automatically
reconfigure the device in real time based on the detection of a specific motion pattern or based on the output of a
specific decision tree configured in the MLC, without any intervention from the host processor. The FSM can write
a subset of the device registers using the SETR command, which allows indicating the register address and the
new value to be written in such a register. The access to these device registers is mutually exclusive with respect
to the host.
LIS2DUX12
Adaptive self-configuration (ASC)
DS14071 - Rev 2
page 24/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More