Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 192 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 192 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 188Page - STMicroelectronics ST25DV64K Datasheet HTML 189Page - STMicroelectronics ST25DV64K Datasheet HTML 190Page - STMicroelectronics ST25DV64K Datasheet HTML 191Page - STMicroelectronics ST25DV64K Datasheet HTML 192Page - STMicroelectronics ST25DV64K Datasheet HTML 193Page - STMicroelectronics ST25DV64K Datasheet HTML 194Page - STMicroelectronics ST25DV64K Datasheet HTML 195Page - STMicroelectronics ST25DV64K Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 197 page
background image
Table 163. Extended Get System Info response format when Error_flag is NOT set ............................ 106
Table 164. Response Information Flag ........................................................... 106
Table 165. Response other field: ST25DVxxx VICC memory size......................................... 106
Table 166. Response other field: ST25DVxxx IC Ref ................................................. 107
Table 167. Response other field: ST25DVxxx VICC command list ........................................ 107
Table 168. Response other field: ST25DVxxx VICC command list Byte 1 ................................... 107
Table 169. Response other field: ST25DVxxx VICC command list Byte 2 ................................... 107
Table 170. Response other field: ST25DVxxx VICC command list Byte 3 ................................... 108
Table 171. Response other field: ST25DVxxx VICC command list Byte 4 ................................... 108
Table 172. Extended Get System Info response format when Error_flag is set ................................ 108
Table 173. Get Multiple Block Security Status request format ........................................... 109
Table 174. Get Multiple Block Security Status response format when Error_flag is NOT set....................... 109
Table 175. Block security status................................................................ 109
Table 176. Get Multiple Block Security Status response format when Error_flag is set .......................... 109
Table 177. Extended Get Multiple Block Security Status request format .....................................110
Table 178. Extended Get Multiple Block Security Status response format when Error_flags NOT set .................110
Table 179. Block security status.................................................................110
Table 180. Extended Get Multiple Block Security Status response format when Error_flag is set ....................111
Table 181. Read Configuration request format.......................................................112
Table 182. Read Configuration response format when Error_flag is NOT set ..................................112
Table 183. Read Configuration response format when Error_flag is set......................................112
Table 184. Write Configuration request format .......................................................113
Table 185. Write Configuration response format when Error_flag is NOT set ..................................113
Table 186. Write configuration response format when Error_flag is set ......................................113
Table 187. Read Dynamic Configuration request format ................................................114
Table 188. Read Dynamic Configuration response format when Error_flag is NOT set ...........................114
Table 189. Read Dynamic Configuration response format when Error_flag is set ...............................114
Table 190. Write Dynamic Configuration request format ................................................115
Table 191. Write Dynamic Configuration response format when Error_flag is NOT set ...........................115
Table 192. Write Dynamic Configuration response format when Error_flag is set ...............................115
Table 193. ManageGPO request format ...........................................................116
Table 194. GPOVAL.........................................................................116
Table 195. ManageGPO response format when Error_flag is NOT set ......................................117
Table 196. ManageGPO response format when Error_flag is set ..........................................117
Table 197. Write Message request format ..........................................................117
Table 198. Write Message response format when Error_flag is NOT set .....................................118
Table 199. Write Message response format when Error_flag is set .........................................118
Table 200. Read Message Length request format ....................................................118
Table 201. Read Message Length response format when Error_flag is NOT set................................119
Table 202. Read Message Length response format when Error_flag is set ...................................119
Table 203. Read Message request format..........................................................119
Table 204. Read Message response format when Error_flag is NOT set .................................... 120
Table 205. Fast Read Message request format ..................................................... 120
Table 206. Fast Read Message response format when Error_flag is NOT set ................................ 121
Table 207. Write Password request format ........................................................ 121
Table 208. Write Password response format when Error_flag is NOT set ................................... 122
Table 209. Write Password response format when Error_flag is set ....................................... 122
Table 210. Present Password request format ...................................................... 123
Table 211. Present Password response format when Error_flag is NOT set.................................. 123
Table 212. Present Password response format when Error_flag is set ..................................... 123
Table 213. Fast Read Single Block request format ................................................... 124
Table 214. Fast Read Single Block response format when Error_flag is NOT set .............................. 124
Table 215. Block security status................................................................ 124
Table 216. Fast Read Single Block response format when Error_flag is set .................................. 125
Table 217. Fast Extended Read Single Block request format ............................................ 125
ST25DV04K ST25DV16K ST25DV64K
List of tables
DS10925 - Rev 11
page 192/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More