Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 188 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 188 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 184Page - STMicroelectronics ST25DV64K Datasheet HTML 185Page - STMicroelectronics ST25DV64K Datasheet HTML 186Page - STMicroelectronics ST25DV64K Datasheet HTML 187Page - STMicroelectronics ST25DV64K Datasheet HTML 188Page - STMicroelectronics ST25DV64K Datasheet HTML 189Page - STMicroelectronics ST25DV64K Datasheet HTML 190Page - STMicroelectronics ST25DV64K Datasheet HTML 191Page - STMicroelectronics ST25DV64K Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 197 page
background image
Appendix A Bit representation and coding for fast commands ...................... 156
A.1
Bit coding using one subcarrier .................................................156
A.1.1
High data rate ......................................................... 156
A.1.2
Low data rate ......................................................... 156
A.2
ST25DVxxx to VCD frames ....................................................157
A.3
SOF when using one subcarrier ................................................157
A.3.1
High data rate ......................................................... 157
A.3.2
Low data rate ......................................................... 157
A.4
EOF when using one subcarrier ................................................158
A.4.1
High data rate ......................................................... 158
A.4.2
Low data rate ......................................................... 158
Appendix B I²C sequences ......................................................... 159
B.1
Device select codes ..........................................................159
B.2
I²C Byte writing and polling ....................................................159
B.2.1
I2C byte write in user memory............................................. 159
B.2.2
I²C byte writing in dynamic registers and polling ............................... 161
B.2.3
I2C byte write in mailbox and polling ........................................ 162
B.2.4
I2C byte write and polling in system memory.................................. 163
B.3
I2C sequential writing and polling ...............................................164
B.3.1
I2C sequential write in user memory and polling ............................... 164
B.3.2
I2C sequential write in mailbox and polling ................................... 166
B.4
I²C Read current address ......................................................167
B.4.1
I2C current address read in User memory .................................... 167
B.5
I²C random address read ......................................................168
B.5.1
I2C random address read in user memory.................................... 168
B.5.2
I2C Random address read in system memory ................................. 169
B.5.3
I2C Random address read in dynamic registers ............................... 169
B.6
I²C sequential read ...........................................................170
B.6.1
I2C sequential read in user memory ........................................ 170
B.6.2
I2C sequential read in system memory ...................................... 173
B.6.3
I2C sequential read in dynamic registers..................................... 175
B.6.4
I2C sequential read in mailbox ............................................ 177
B.7
I²C password relative sequences ...............................................179
B.7.1
I2C write password ..................................................... 179
B.7.2
I2C present password ................................................... 181
Revision history ..................................................................... 182
ST25DV04K ST25DV16K ST25DV64K
Contents
DS10925 - Rev 11
page 188/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More