Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 196 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 196 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 189Page - STMicroelectronics ST25DV64K Datasheet HTML 190Page - STMicroelectronics ST25DV64K Datasheet HTML 191Page - STMicroelectronics ST25DV64K Datasheet HTML 192Page - STMicroelectronics ST25DV64K Datasheet HTML 193Page - STMicroelectronics ST25DV64K Datasheet HTML 194Page - STMicroelectronics ST25DV64K Datasheet HTML 195Page - STMicroelectronics ST25DV64K Datasheet HTML 196Page - STMicroelectronics ST25DV64K Datasheet HTML 197Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 196 / 197 page
background image
Figure 53.
Get Multiple Block Security Status frame exchange between VCD and ST25DVxxx....................110
Figure 54.
Extended Get Multiple Block Security Status frame exchange...................................111
Figure 55.
Read Configuration frame exchange between VCD and ST25DVxxx ..............................112
Figure 56.
Write Configuration exchange between VCD and ST25DVxxx ..................................114
Figure 57.
Read Dynamic Configuration frame exchange between VCD and ST25DVxxx .......................115
Figure 58.
Write Dynamic Configuration frame exchange between VCD and ST25DVxxx .......................116
Figure 59.
Manage GPO frame exchange between VCD and ST25DVxxx ..................................117
Figure 60.
Write Message frame exchange between VCD and ST25DVxxx .................................118
Figure 61.
Read Message Length frame exchange between VCD and ST25DVxxx............................119
Figure 62.
Read Message frame exchange between VCD and ST25DVxxx ................................ 120
Figure 63.
Fast Read Message frame exchange between VCD and ST25DVxxx ............................ 121
Figure 64.
Write Password frame exchange between VCD and ST25DVxxx ............................... 122
Figure 65.
Present Password frame exchange between VCD and ST25DVxxx.............................. 124
Figure 66.
Fast Read Single Block frame exchange between VCD and ST25DVxxx .......................... 125
Figure 67.
Fast Extended Read Single Block frame exchange between VCD and ST25DVxxx ................... 126
Figure 68.
Fast Read Multiple Block frame exchange between VCD and ST25DVxxx ......................... 128
Figure 69.
Fast Extended Read Multiple Block frame exchange between VCD and ST25DVxxx .................. 130
Figure 70.
Fast Write Message frame exchange between VCD and ST25DVxxx ............................ 131
Figure 71.
Fast Read Message Length frame exchange between VCD and ST25DVxxx ....................... 132
Figure 72.
Fast Read Dynamic configuration frame exchange between VCD and ST25DVxxx ................... 133
Figure 73.
Fast Write Dynamic Configuration frame exchange between VCD and ST25DVxxx ................... 134
Figure 74.
AC test measurement I/O waveform ................................................... 137
Figure 75.
I2C AC waveforms ............................................................... 142
Figure 76.
I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic capacitance (Cbus) ............. 142
Figure 77.
ASK modulated signal ............................................................. 145
Figure 78.
SO8N – Outline ................................................................. 146
Figure 79.
SO8N - Footprint example .......................................................... 147
Figure 80.
TSSOP8 – Outline ............................................................... 148
Figure 81.
TSSOP8 – Footprint example ........................................................ 149
Figure 82.
UFDFN8 - Outline ................................................................ 150
Figure 83.
UFDFPN12 - Outline .............................................................. 152
Figure 84.
WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale package outline .............. 153
Figure 85.
WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale recommended footprint......... 154
Figure 86.
Logic 0, high data rate, fast commands ................................................. 156
Figure 87.
Logic 1, high data rate, fast commands ................................................. 156
Figure 88.
Logic 0, low data rate, fast commands .................................................. 156
Figure 89.
Logic 1, low data rate, fast commands .................................................. 157
Figure 90.
Start of frame, high data rate, one subcarrier, fast commands .................................. 157
Figure 91.
Start of frame, low data rate, one subcarrier, fast commands .................................. 157
Figure 92.
End of frame, high data rate, one subcarrier, fast commands .................................. 158
Figure 93.
End of frame, low data rate, one subcarrier, fast commands ................................... 158
ST25DV04K ST25DV16K ST25DV64K
List of figures
DS10925 - Rev 11
page 196/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More