Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 45Page - STMicroelectronics ST25DV64K Datasheet HTML 46Page - STMicroelectronics ST25DV64K Datasheet HTML 47Page - STMicroelectronics ST25DV64K Datasheet HTML 48Page - STMicroelectronics ST25DV64K Datasheet HTML 49Page - STMicroelectronics ST25DV64K Datasheet HTML 50Page - STMicroelectronics ST25DV64K Datasheet HTML 51Page - STMicroelectronics ST25DV64K Datasheet HTML 52Page - STMicroelectronics ST25DV64K Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 197 page
background image
Table 52. I2CSS
Bit
Name
Function
Factory Value
b1-b0
RW_PROTECTION_A1
00: Area 1 I2C access: Read always allowed, Write always allowed
01: Area 1 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 1 I2C access: Read always allowed, Write always allowed
11: Area 1 I2C access: Read always allowed, Write allowed if I2C user security
session is open
00b
b3-b2
RW_PROTECTION_A2
00: Area 2 I2C access: Read always allowed, Write always allowed
01: Area 2 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 2 I2C access: Read allowed if I2C user security session is open, Write
always allowed
11: Area 2 I2C access: Read allowed if I2C security session is open, Write
allowed if I2C security session is open
00b
b5-b4
RW_PROTECTION_A3
00: Area 3 I2C access: Read always allowed, Write always allowed
01: Area 3 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 3 I2C access: Read allowed if I2C user security session is open, Write
always allowed
11: Area 3 I2C access: Read allowed if I2C security session is open, Write
allowed if I2C security session is open
00b
b7-b6
RW_PROTECTION_A4
00: Area 4 I2C access: Read always allowed, Write always allowed
01: Area 4 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 4 I2C access: Read allowed if I2C user security session is open, Write
always allowed
11: Area 4 I2C access: Read allowed if I2C security session is open, Write
allowed if I2C security session is open
00b
Note:
Refer to Table 11. System configuration memory map for the I2CSS register.
ST25DV04K ST25DV16K ST25DV64K
Data Protection
DS10925 - Rev 11
page 49/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More