Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P9415-R Fiches technique(PDF) 14 Page - Renesas Technology Corp

No de pièce P9415-R
Description  15W Wireless Power Receiver with WattShare™ Mode
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415-R Fiches technique(HTML) 14 Page - Renesas Technology Corp

Back Button P9415-R Datasheet HTML 10Page - Renesas Technology Corp P9415-R Datasheet HTML 11Page - Renesas Technology Corp P9415-R Datasheet HTML 12Page - Renesas Technology Corp P9415-R Datasheet HTML 13Page - Renesas Technology Corp P9415-R Datasheet HTML 14Page - Renesas Technology Corp P9415-R Datasheet HTML 15Page - Renesas Technology Corp P9415-R Datasheet HTML 16Page - Renesas Technology Corp P9415-R Datasheet HTML 17Page - Renesas Technology Corp P9415-R Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
P9415-R Datasheet
© 2021 Renesas Electronics Corporation
14
May 4, 2021
6. Wireless Power Charging System
A wireless power charging system has a base station with one or more transmitters that make power available via DC-to-AC inverter(s), and
transmit the power over a strongly-coupled inductor pair (magnetic induction) or over a loosely-coupled inductor pair (magnetic resonance) to
a receiver in a mobile device. A WPC 1 system uses near field magnetic induction between coils and can be a free-positioning or
magnetically-guided type of system.
In WPC systems, the amount of power transferred to the mobile device is controlled by the receiver. The receiver sends communication packets
to the transmitter to increase power, decrease power, or maintain the power level. The bit rate for Rx-to-Tx communication link is 2kbps for
WPC receivers and is amplitude modulated (ASK) on top of the power link that exists.
Figure 2. Block Diagram of WPC System
Base Station
Transmitter
Transmitter
Mobile Device
Receiver
Transmitter
Power
Power Conversion
Power Pick- up
Control
Control
Messages
Comm
Comm
Reflected Load
Mod
DeMod
1
For the most current information, see the WPC specification at http://www.wirelesspowerconsortium.com/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62