| Moteur de recherche de fiches techniques de composants électroniques |
|
P9415-R Fiches technique(PDF) 58 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
P9415-R Fiches technique(HTML) 58 Page - Renesas Technology Corp |
|
58 / 62 page ![]() P9415-R Datasheet © 2021 Renesas Electronics Corporation 58 May 4, 2021 Table 58. Read Data Register for WPC 1.3 (0x196) Address and Bit Register Field Name R/W Default Value Function and Description 0x196[15:0] ccRdSize R 0 Length of the raw data received from Tx Procedure of WPC1.3 bi-di communication 1. Clear interrupt. 2. AP writes raw data to Write Data Register (0x1A4). 3. AP writes type and data length to Write Data Type and Length Register (0x1A0, 2 bytes). 4. AP writes command 0x02 to system command register (0x4F, 1 byte) to send the data out. 5. AP waits for interrupt (ADTRCVD). 6. AP reads received data length from Read Data Register (0x196, 2 bytes). 7. AP reads received data from Read Data Register (0x3A4). |