Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0102DDFR Fiches technique(PDF) 28 Page - Texas Instruments

No de pièce LSF0102DDFR
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LSF0102DDFR Fiches technique(HTML) 28 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 24Page - Texas Instruments LSF0102DDFR Datasheet HTML 25Page - Texas Instruments LSF0102DDFR Datasheet HTML 26Page - Texas Instruments LSF0102DDFR Datasheet HTML 27Page - Texas Instruments LSF0102DDFR Datasheet HTML 28Page - Texas Instruments LSF0102DDFR Datasheet HTML 29Page - Texas Instruments LSF0102DDFR Datasheet HTML 30Page - Texas Instruments LSF0102DDFR Datasheet HTML 31Page - Texas Instruments LSF0102DDFR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Feb-2023
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LSF0101DRYR
SON
DRY
6
5000
184.0
184.0
19.0
LSF0101DTQR
X2SON
DTQ
6
3000
189.0
185.0
36.0
LSF0102DCTR
SM8
DCT
8
3000
182.0
182.0
20.0
LSF0102DCTR
SM8
DCT
8
3000
183.0
183.0
20.0
LSF0102DCUR
VSSOP
DCU
8
3000
182.0
182.0
20.0
LSF0102DCUR
VSSOP
DCU
8
3000
202.0
201.0
28.0
LSF0102DCUR
VSSOP
DCU
8
3000
180.0
180.0
18.0
LSF0102DDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
LSF0102DQER
X2SON
DQE
8
5000
184.0
184.0
19.0
LSF0102YZTR
DSBGA
YZT
8
3000
182.0
182.0
20.0
LSF0108DGSR
VSSOP
DGS
20
5000
356.0
356.0
35.0
LSF0108PWR
TSSOP
PW
20
2000
364.0
364.0
27.0
LSF0108RKSR
VQFN
RKS
20
3000
202.0
201.0
28.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57