Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-80V Fiches technique(PDF) 13 Page - CUI Devices

No de pièce CFM-80V
Description  DC AXIAL FAN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-80V Fiches technique(HTML) 13 Page - CUI Devices

Back Button CFM-80V Datasheet HTML 8Page - CUI Devices CFM-80V Datasheet HTML 9Page - CUI Devices CFM-80V Datasheet HTML 10Page - CUI Devices CFM-80V Datasheet HTML 11Page - CUI Devices CFM-80V Datasheet HTML 12Page - CUI Devices CFM-80V Datasheet HTML 13Page - CUI Devices CFM-80V Datasheet HTML 14Page - CUI Devices CFM-80V Datasheet HTML 15Page - CUI Devices CFM-80V Datasheet HTML 16Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CUI DEVICES | SERIES: CFM-80V | DESCRIPTION: DC AXIAL FAN
date 08/31/2022 | page 13 of 16
cuidevices.com
MECHANICAL DRAWINGS (CONTINUED)
CFM-8025V
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
White1
RD Signal
Yellow1
Tach Signal
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M4
JIS B1111-1974
3~4 kgf-cm
Self-tapping Screw
M5
JIS B1122 Type 2
6~8 kgf-cm
units: mm
wire: UL 1007, 24 AWG
Notes: 1. Wires only present on versions with output signals.
2. CFM-8025V-242-435, CFM-8025V-245-450, CFM-8025V-442-435, & CFM-8025V-445-450 have 300 ± 20 mm lead wires.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com