Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-80V Fiches technique(PDF) 1 Page - CUI Devices

No de pièce CFM-80V
Description  DC AXIAL FAN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-80V Fiches technique(HTML) 1 Page - CUI Devices

  CFM-80V Datasheet HTML 1Page - CUI Devices CFM-80V Datasheet HTML 2Page - CUI Devices CFM-80V Datasheet HTML 3Page - CUI Devices CFM-80V Datasheet HTML 4Page - CUI Devices CFM-80V Datasheet HTML 5Page - CUI Devices CFM-80V Datasheet HTML 6Page - CUI Devices CFM-80V Datasheet HTML 7Page - CUI Devices CFM-80V Datasheet HTML 8Page - CUI Devices CFM-80V Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
date 08/31/2022
page 1 of 16
SERIES: CFM-80V | DESCRIPTION: DC AXIAL FAN
cuidevices.com
FEATURES
• omniCOOLTM bearing system
• 80 x 80 mm frame
• multiple speed options for different cooling needs
• tachometer signal and rotation detect options available
• auto restart protection standard on all models
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static pres-
sure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-8015V-124-308
12
4.5~13.8
104
1.25
2400
30.0
0.09
30.8
CFM-8015V-127-320
12
4.5~13.8
149
1.79
2700
33.6
0.11
32.0
CFM-8015V-130-347
12
4.5~13.8
188
2.26
3000
37.0
0.14
34.7
CFM-8015V-224-308
24
8~27.6
65
1.56
2400
30.0
0.09
30.8
CFM-8015V-227-320
24
8~27.6
75
1.80
2700
33.6
0.11
32.0
CFM-8015V-230-347
24
8~27.6
106
2.55
3000
37.0
0.14
34.7
CFM-8020V-126-300
12
6~13.8
86
1.04
2600
29.0
0.12
30.0
CFM-8020V-130-350
12
6~13.8
110
1.32
3000
33.0
0.16
35.0
CFM-8020V-133-380
12
6~13.8
150
1.80
3300
36.0
0.18
38.0
CFM-8020V-139-430*
12
6~13.8
225
2.70
3900
45.0
0.26
43.0
CFM-8020V-142-450*
12
6~13.8
265
3.18
4200
49.0
0.31
45.0
CFM-8020V-146-480*
12
6~12.6
328
3.94
4600
53.0
0.36
48.0
CFM-8020V-226-300
24
8~27.6
49
1.18
2600
29.0
0.12
30.0
CFM-8020V-230-350
24
8~27.6
59
1.42
3000
33.0
0.16
35.0
CFM-8020V-233-380
24
8~27.6
74
1.78
3300
36.0
0.18
38.0
CFM-8025V-120-204
12
4.5~13.8
48
0.58
2000
23.9
0.07
20.4
CFM-8025V-126-280
12
4.5~13.8
75
0.90
2600
33.0
0.11
28.0
CFM-8025V-129-300
12
4.5~13.8
106
1.28
2900
37.0
0.15
30.0
CFM-8025V-132-330
12
4.5~13.8
138
1.66
3200
41.0
0.18
33.0
CFM-8025V-142-415
12
6~13.8
230
2.76
4200
53.0
0.30
41.5
CFM-8025V-145-431
12
6~13.8
276
3.32
4500
57.0
0.35
43.1
CFM-8025V-148-447
12
6~13.8
357
4.29
4800
60.0
0.41
44.7
CFM-8025V-226-280
24
8~27.6
48
1.16
2600
33.0
0.11
28.0
CFM-8025V-229-300
24
8~27.6
58
1.40
2900
37.0
0.15
30.0
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
*. Discontinued models
Additional Resources: Product Page | 3D Model


Numéro de pièce similaire - CFM-80V

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
CFM-80V CUI-CFM-80V Datasheet
1Mb / 16P
DC AXIAL FAN
CFM-80V CUI-CFM-80V Datasheet
1Mb / 16P
DC AXIAL FAN
CFM-80V CUI-CFM-80V_18 Datasheet
1Mb / 16P
DC AXIAL FAN
More results

Description similaire - CFM-80V

FabricantNo de pièceFiches techniqueDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com