Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-80V Fiches technique(PDF) 9 Page - CUI Devices

No de pièce CFM-80V
Description  DC AXIAL FAN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-80V Fiches technique(HTML) 9 Page - CUI Devices

Back Button CFM-80V Datasheet HTML 5Page - CUI Devices CFM-80V Datasheet HTML 6Page - CUI Devices CFM-80V Datasheet HTML 7Page - CUI Devices CFM-80V Datasheet HTML 8Page - CUI Devices CFM-80V Datasheet HTML 9Page - CUI Devices CFM-80V Datasheet HTML 10Page - CUI Devices CFM-80V Datasheet HTML 11Page - CUI Devices CFM-80V Datasheet HTML 12Page - CUI Devices CFM-80V Datasheet HTML 13Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CUI DEVICES | SERIES: CFM-80V | DESCRIPTION: DC AXIAL FAN
date 08/31/2022 | page 9 of 16
cuidevices.com
PERFORMANCE CURVES (CONTINUED)
0
0.1
0.2
0.3
0.4
0.5
0102030405060
0
2.54
5.08
7.62
10.16
12.7
00.280.560.841.121.4
1.68
Air Flow (CMM)
Air Flow (CFM)
0
0.02
0.04
0.06
0.08
0.1
0.12
07
14
21
28
35
0
0.5
1
1.5
2
2.5
3
00.2
0.40.6
0.81
Air Flow (CMM)
Air Flow (CFM)
CFM-8025V-148-447
CFM-8025V-226-280
0
0.03
0.06
0.09
0.12
0.15
08
16
24
32
40
0
0.76
1.52
2.28
3.04
3.8
00.240.480.720.961.2
Air Flow (CFM)
Air Flow (CMM)
CFM-8025V-229-300
0
0.1
0.2
0.3
0.4
0102030405060
0
2.5
5
7.5
10
00.280.560.841.121.4
1.68
Air Flow (CMM)
Air Flow (CFM)
CFM-8025V-145-431
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com