| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC855T Fiches technique(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC855T Fiches technique(HTML) 72 Page - NXP Semiconductors |
|
72 / 77 page ![]() MPC860 PowerQUICC Family Hardware Specifications, Rev. 10 72 Freescale Semiconductor Mechanical Data and Ordering Information Ball grid array (continued) ZP suffix—leaded ZQ suffix—leaded VR suffix—lead-free 80 0 ° to 95°C ZP/ZQ1 MPC855TZQ80D4 MPC860DEZQ80D4 MPC860DTZQ80D4 MPC860ENZQ80D4 MPC860SRZQ80D4 MPC860TZQ80D4 MPC860DPZQ80D4 MPC860PZQ80D4 Tape and Reel MPC860PZQ80D4R2 MPC860PVR80D4R2 VR MPC855TVR80D4 MPC860DEVR80D4 MPC860DPVR80D4 MPC860ENVR80D4 MPC860PVR80D4 MPC860SRVR80D4 MPC860TVR80D4 Ball grid array (CZP suffix) CZP suffix—leaded CZQ suffix—leaded CVR suffix—lead-free 50 –40 ° to 95°C ZP/ZQ1 MPC855TCZQ50D4 MPC855TCVR50D4 MPC860DECZQ50D4 MPC860DTCZQ50D4 MPC860ENCZQ50D4 MPC860SRCZQ50D4 MPC860TCZQ50D4 MPC860DPCZQ50D4 MPC860PCZQ50D4 Tape and Reel MPC855TCZQ50D4R2 MC860ENCVR50D4R2 CVR MPC860DECVR50D4 MPC860DTCVR50D4 MPC860ENCVR50D4 MPC860PCVR50D4 MPC860SRCVR50D4 MPC860TCVR50D4 66 –40 ° to 95°C ZP/ZQ1 MPC855TCZQ66D4 MPC855TCVR66D4 MPC860ENCZQ66D4 MPC860SRCZQ66D4 MPC860TCZQ66D4 MPC860DPCZQ66D4 MPC860PCZQ66D4 CVR MPC860DTCVR66D4 MPC860ENCVR66D4 MPC860PCVR66D4 MPC860SRCVR66D4 MPC860TCVR66D4 1 The ZP package is no longer recommended for use. The ZQ package replaces the ZP package. Table 34. MPC860 Family Package/Frequency Availability (continued) Package Type Freq. (MHz) / Temp. (Tj) Package Order Number |