Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVR10U331K Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce JVR10U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVR10U331K Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button JVR10U331K Datasheet HTML 9Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 10Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 11Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 14Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 15Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 16Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Metal Oxide Varistor JVR Series
12
Ø 20mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVR 20S 220M
22
±20%
14
18
43
20
3000
2
0.2
16
☆
○
□
JVR 20S 270M
27
±20%
17
22
53
20
3000
2
0.2
19
☆
○
□
JVR 20S 330M
33
±20%
20
26
65
20
3000
2
0.2
24
☆
○
□
JVR 20S 390L
39
±15%
25
31
77
20
3000
2
0.2
28
☆
○
□
JVR 20S 470L
47
±15%
30
38
93
20
3000
2
0.2
34
☆
○
□
JVR 20S 560L
56
±15%
35
45
110
20
3000
2
0.2
41
☆
○
□
JVR 20S 680L
68
±15%
40
56
135
20
3000
2
0.2
49
☆
○
□
JVR 20S 820L
82
±15%
50
65
135
100
10000
5
1
56
☆
○
□
JVR 20S 101K
100
±10%
60
85
165
100
10000
5
1
72
☆
○
□
JVR 20S 121K
120
±10%
75
100
200
100
10000
5
1
88
☆
○
□
JVR 20S 151K
150
±10%
95
125
250
100
10000
5
1
106
☆
○
□
JVR 20S 181K
180
±10%
115
150
300
100
10000
5
1
130
☆
●
□
JVR 20S 201K
200
±10%
130
170
340
100
10000
5
1
140
☆
●
■
JVR 20S 221K
220
±10%
140
180
360
100
10000
5
1
155
☆
●
■
JVR 20S 241K
240
±10%
150
200
395
100
10000
5
1
168
☆
●
■
JVR 20S 271K
270
±10%
175
225
455
100
10000
5
1
190
☆
●
■
JVR 20S 301K
300
±10%
195
250
505
100
10000
5
1
210
☆
●
■
JVR 20S 331K
330
±10%
210
275
550
100
10000
5
1
228
☆
●
■
JVR 20S 361K
360
±10%
230
300
595
100
10000
5
1
255
☆
●
■
JVR 20S 391K
390
±10%
250
320
650
100
10000
5
1
275
☆
●
■
JVR 20S 431K
430
±10%
275
350
710
100
10000
5
1
303
☆
●
■
JVR 20S 471K
470
±10%
300
385
775
100
10000
5
1
350
☆
●
■
JVR 20S 511K
510
±10%
320
418
842
100
10000
5
1
382
☆
●
■
JVR 20S 561K
560
±10%
350
460
920
100
10000
5
1
410
☆
●
■
JVR 20S 621K
620
±10%
385
505
1025
100
10000
5
1
420
☆
●
■
JVR 20S 681K
680
±10%
420
560
1120
100
10000
5
1
430
☆
●
■
JVR 20S 751K
750
±10%
460
615
1240
100
10000
5
1
440
☆
●
■
JVR 20S 781K
780
±10%
485
640
1290
100
10000
5
1
450
☆
●
■
JVR 20S 821K
820
±10%
510
670
1355
100
10000
5
1
460
☆
●
■
JVR 20S 911K
910
±10%
550
745
1500
100
10000
5
1
510
☆
●
■
JVR 20S 102K
1000
±10%
625
825
1650
100
10000
5
1
566
☆
●
■
JVR 20S 112K
1100
±10%
680
895
1815
100
10000
5
1
620
☆
●
■
JVR 20S 122K
1200
±10%
720
975
1980
100
10000
3
1
680
☆
●
■
JVR 20S 142K
1400
±10%
825
1135
2310
100
10000
3
1
790
☆
●
■
JVR 20S 162K
1600
±10%
920
1300
2640
100
10000
3
1
905
☆
●
■
JVR 20S 182K
1800
±10%
1000
1465
2970
100
10000
3
1
1020
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com