Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVR10U331K Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers

No de pièce JVR10U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVR10U331K Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button JVR10U331K Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 14Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 15Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 16Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 17Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 18Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 19Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Metal Oxide Varistor JVR Series
17
Dimensions
Dimension Table
unit : mm
Diameter
5mm
7mm
10mm
14mm
20mm
25mm
D max.
7.5
9.0
12.5
16.5
23
29
d ± 0.05
0.6
0.6
0.8
0.8
1.0
1.0
F ± 1.0
5.0
5.0
7.5
7.5
10.0
10.0
H max.
11.0
12.5
17/*19
22/*23
28/*29
36
L1 min.
25.0
25.0
25.0
25.0
25.0
25.0
L min.
24.0
24.0
24.0
24.0
24.0
20.0
*Just for 182K
Table of Tmax., A & H1 max.
Diameter
5mm
7mm
10mm
14mm
20mm
25mm
Type No.
T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max. T max. A ± 0.8 H1 max.
180M
3.9
0.8
10.5
3.9
0.8
12.0
4.3
0.8
15.0
4.3
0.9
19.5
/
/
/
/
/
/
220M/L
4.1
0.9
10.5
4.1
0.9
12.0
4.5
0.9
15.0
4.5
1.0
19.5
4.9
1.0
26.5
/
/
/
270M/K
4.3
0.9
10.5
4.3
0.9
12.0
4.7
0.9
15.0
4.7
1.0
19.5
5.1
1.1
26.5
/
/
/
330M/K
4.5
1.0
10.5
4.5
1.0
12.0
4.9
1.0
15.0
4.9
1.2
19.5
5.3
1.2
26.5
/
/
/
390L/K
4.5
1.2
10.5
4.5
1.2
12.0
5.1
1.2
15.0
5.1
1.4
19.5
5.4
1.4
26.5
/
/
/
470L/K
4.8
1.2
10.5
4.8
1.2
12.0
5.3
1.2
15.0
5.4
1.4
19.5
5.6
1.4
26.5
/
/
/
560L/K
4.8
1.4
10.5
4.8
1.4
12.0
5.5
1.4
15.0
5.6
1.6
19.5
5.6
1.6
26.5
/
/
/
680L/K
5.1
1.7
10.5
5.1
1.7
12.0
5.7
1.6
15.0
5.6
1.9
19.5
5.9
1.9
26.5
/
/
/
820K
3.8
0.8
10.5
3.8
0.8
12.0
4.3
0.8
15.0
4.3
1.0
19.5
4.7
1.1
26.5
/
/
/
101K
3.9
0.8
10.5
3.9
0.8
12.0
4.4
0.8
15.0
4.5
1.0
19.5
4.9
1.2
26.5
/
/
/
121K
4.1
0.9
10.5
4.1
0.9
12.0
4.5
0.9
15.0
4.6
1.1
19.5
5.1
1.3
26.5
/
/
/
151K
4.5
1.2
10.5
4.5
1.2
12.0
4.9
1.2
15.0
5.0
1.4
19.5
5.4
1.6
26.5
/
/
/
181K
3.9
1.0
10.5
3.9
1.0
12.0
4.3
1.0
15.0
4.3
1.2
19.5
5.0
1.4
26.5
/
/
/
201K
4.0
1.0
10.5
4.0
1.0
12.0
4.4
1.0
15.0
4.4
1.2
19.5
5.1
1.4
26.5
5.4
2.5
35
221K
4.0
1.1
10.5
4.0
1.1
12.0
4.4
1.1
15.0
4.4
1.3
19.5
5.2
1.5
26.5
5.6
2.6
35
241K
4.2
1.1
10.5
4.2
1.3
12.0
4.6
1.3
15.0
4.6
1.5
19.5
5.3
1.7
26.5
5.7
2.8
35
271K
4.4
1.3
10.5
4.4
1.4
12.0
4.8
1.4
15.0
4.8
1.5
19.5
5.5
1.9
26.5
6.0
3.0
35
301K
4.4
1.3
10.5
4.4
1.5
12.0
4.8
1.6
15.0
4.8
1.7
19.5
5.7
2.1
26.5
6.3
3.2
35
331K
4.5
1.3
10.5
4.5
1.5
12.0
4.9
1.6
15.0
4.9
1.7
19.5
5.8
2.1
26.5
6.6
3.4
35
361K
4.7
1.8
10.5
4.6
1.9
12.0
5.0
1.9
15.0
5.0
2.1
19.5
6.0
2.3
26.5
6.8
3.6
35
391K
4.8
2.0
11.0
4.8
2.0
12.5
5.2
2.2
15.0
5.2
2.2
19.5
6.2
2.4
26.5
7.1
3.9
35
431K
5.1
2.1
11.0
5.1
2.0
12.5
5.5
2.5
15.0
5.5
2.5
19.5
6.6
2.7
26.5
7.2
3.3
35
471K
5.2
2.2
11.0
5.2
2.3
12.5
5.6
2.6
15.0
5.6
2.7
19.5
6.8
2.9
27.0
7.4
3.5
35
511K
5.6
2.5
11.5
5.6
2.5
12.5
5.8
3.1
15.0
5.8
3.1
20.0
7.0
3.3
27.0
7.6
3.8
35
561K
5.7
2.8
11.5
5.7
2.8
12.5
6.1
3.4
15.0
6.1
3.4
20.0
7.3
3.6
27.0
7.9
4.0
35
621K
6.0
3.1
11.5
6.0
3.1
12.5
6.4
4.0
15.0
6.4
3.8
20.0
7.6
4.1
27.0
8.2
4.4
35
681K
6.3
3.4
11.5
6.3
3.4
12.5
6.8
4.4
15.0
6.8
4.1
20.0
8.0
4.4
27.0
8.3
4.7
35
751K
6.7
3.7
11.5
6.8
3.7
12.5
7.2
4.4
15.0
7.2
4.3
20.0
8.4
4.5
27.0
8.7
5.0
35
781K
/
/
/
7.0
3.9
12.5
7.3
4.6
15.0
7.3
4.6
20.0
8.6
4.8
27.0
8.9
5.2
35
821K
/
/
/
7.2
4.1
12.5
7.6
4.6
15.0
7.6
4.6
20.0
8.8
4.8
27.0
9.1
5.4
35
911K
/
/
/
/
/
/
8.2
5.4
16.0
8.2
5.4
20.5
9.3
5.7
27.0
9.6
5.9
35
102K
/
/
/
/
/
/
8.5
5.4
16.0
8.6
5.6
20.5
9.9
5.8
27.0
/
/
/
112K
/
/
/
/
/
/
9.1
5.7
16.0
9.1
6.1
20.5
10.3
6.3
27.0
/
/
/
122K
/
/
/
/
/
/
9.9
6.3
17.0
10.0
6.7
21.0
11.3
6.9
27.5
/
/
/
142K
/
/
/
/
/
/
10.7
7.4
17.5
10.9
7.8
21.5
12.8
8.0
28.0
/
/
/
162K
/
/
/
/
/
/
11.5
8.6
17.5
11.8
9.0
21.5
13.0
9.2
28.5
/
/
/
182K
/
/
/
/
/
/
12.6
9.8
17.5
12.8
10.2
21.5
13.5
10.4
29.0
/
/
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com