Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JVR10U331K Fiches technique(PDF) 17 Page - List of Unclassifed Manufacturers

No de pièce JVR10U331K
Description  Metal Oxide Varistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

JVR10U331K Fiches technique(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button JVR10U331K Datasheet HTML 12Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 13Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 14Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 15Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 16Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 17Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 18Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 19Page - List of Unclassifed Manufacturers JVR10U331K Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Metal Oxide Varistor JVR Series
16
Ø 20mm
Rating and Characteristics
Part No.
Varistor
Voltage
at 1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
(8/20us)
Nominal
Discharge
Current
(8/20us)
Rated
Wattage
Energy
(10/1000us)
Certification
DC
( V )
Tolerance
AC rms
( V )
DC
( V )
V@ ic
( V )
ic
( A )
1 Time
( A )
In
( KA )
(W)
(J)
JVR 20U 181K
180
±10%
115
150
300
100
13000
5
1
152
☆
●
□
JVR 20U 201K
200
±10%
130
170
340
100
13000
5
1
175
☆
●
■
JVR 20U 221K
220
±10%
140
180
360
100
13000
5
1
185
☆
●
■
JVR 20U 241K
240
±10%
150
200
395
100
13000
5
1
198
☆
●
■
JVR 20U 271K
270
±10%
175
225
455
100
13000
5
1
220
☆
●
■
JVR 20U 301K
300
±10%
195
250
505
100
13000
5
1
245
☆
●
■
JVR 20U 331K
330
±10%
210
275
550
100
13000
5
1
268
☆
●
■
JVR 20U 361K
360
±10%
230
300
595
100
13000
5
1
315
☆
●
■
JVR 20U 391K
390
±10%
250
320
650
100
13000
5
1
350
☆
●
■
JVR 20U 431K
430
±10%
275
350
710
100
13000
5
1
380
☆
●
■
JVR 20U 471K
470
±10%
300
385
775
100
13000
5
1
405
☆
●
■
JVR 20U 511K
510
±10%
320
418
842
100
13000
5
1
445
☆
●
■
JVR 20U 561K
560
±10%
350
460
920
100
13000
5
1
475
☆
●
■
JVR 20U 621K
620
±10%
385
505
1025
100
13000
5
1
490
☆
●
■
JVR 20U 681K
680
±10%
420
560
1120
100
13000
5
1
500
☆
●
■
JVR 20U 751K
750
±10%
460
615
1240
100
13000
5
1
525
☆
●
■
JVR 20U 781K
780
±10%
485
640
1290
100
13000
5
1
530
☆
●
■
JVR 20U 821K
820
±10%
510
670
1355
100
13000
5
1
545
☆
●
■
JVR 20U 911K
910
±10%
550
745
1500
100
13000
5
1
595
☆
●
■
JVR 20U 102K
1000
±10%
625
825
1650
100
13000
5
1
650
☆
●
■
JVR 20U 112K
1100
±10%
680
895
1815
100
13000
5
1
720
☆
●
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com