Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UE48-2OS2D2 Fiches technique(PDF) 64 Page - SICK AG

No de pièce UE48-2OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 Fiches technique(HTML) 64 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 60Page - SICK AG UE48-2OS2D2 Datasheet HTML 61Page - SICK AG UE48-2OS2D2 Datasheet HTML 62Page - SICK AG UE48-2OS2D2 Datasheet HTML 63Page - SICK AG UE48-2OS2D2 Datasheet HTML 64Page - SICK AG UE48-2OS2D2 Datasheet HTML 65Page - SICK AG UE48-2OS2D2 Datasheet HTML 66Page - SICK AG UE48-2OS2D2 Datasheet HTML 67Page - SICK AG UE48-2OS2D2 Datasheet HTML 68Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
6 4
ue45-3S1
Product description
The UE45-3S1 safety relay monitors
safety switches and emergency stop
pushbuttons in applications with a safety
brake.
It offers 2 safety contacts, which directly
switch off some of the actuators. The
other actuators must be active until the
machine has come to a complete stop.
These actuators can be deactivated after
a certain time.
This ensures the brake stops the ma-
chine, allowing access once the machine
has come to a complete stop.
at a glance
• Ideal for the evaluation of emergency
stop pushbuttons and safety switches
• Cross circuit detection and sequence
monitoring for dual-channel actuation
• 2 N/O contacts for a direct integra-
tion into a machine environment
• 1 N/O contact for stop category 1 ap-
plications, time delayed up to 30 s
• Manual or automatic reset
• External device monitoring (EDM)
• Coded plugs for all slots
Your benefits
• Complete monitoring and evaluation
of sensors
• Time delay provides optimal protec-
tion of brake applications
• Adjustable time delay at the front of
the device (up to 30 s) makes it easy
for the user to change settings
• Fast, tool-free exchange via coded,
plug-in screw-type terminals
• Combines the advantages of classic
relays and easy circuitry
UE45-3S1
Safety stop via time delay
additional information
Detailed technical data. . . . . . . . . . . 65
Ordering information. . . . . . . . . . . . . 67
Dimensional drawings . . . . . . . . . . . 67
Internal circuitry . . . . . . . . . . . . . . . . 68
Connection diagrams . . . . . . . . . . . . 69
-
-
www.mysick.com/en/UE45-3S1
For more information, just enter the link or scan the QR code and get direct access to technical
data, CAD design models, operating instructions, software, application examples and much more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com