Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UE48-2OS2D2 Fiches technique(PDF) 48 Page - SICK AG

No de pièce UE48-2OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 Fiches technique(HTML) 48 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 44Page - SICK AG UE48-2OS2D2 Datasheet HTML 45Page - SICK AG UE48-2OS2D2 Datasheet HTML 46Page - SICK AG UE48-2OS2D2 Datasheet HTML 47Page - SICK AG UE48-2OS2D2 Datasheet HTML 48Page - SICK AG UE48-2OS2D2 Datasheet HTML 49Page - SICK AG UE48-2OS2D2 Datasheet HTML 50Page - SICK AG UE48-2OS2D2 Datasheet HTML 51Page - SICK AG UE48-2OS2D2 Datasheet HTML 52Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
4 8
ue43-3mf
Internal circuitry
+
+
--
+
+
+
+
--
Y13 Y14 Y12 Y12 Y31
13 23 33 41
A1 A2
K1
K2
K3
Y11 Y21
Y22
14 24 34 42 42
K2
K3
Function
After applying the supply voltage (LED SUPPLY illuminates), the
normally open contacts remain open. If the connected sensor
is not activated (i.e. the input circuits are closed), the normally
open contacts close immediately in automatic reset (LED K2
and K3 illuminate). In the case of manual resetting, this only
occurs upon pressing and releasing the reset button.
Activation of the sensor (opening of one or both input circuits)
affects the opening of the normally open contacts (LED K2 and
K3 off).
External device monitoring (EDM)
The UE43-3MF unit can take over the external device monitor-
ing. The contactor monitoring system monitors the external
relays by way of their normally closed contacts.
Manual reset
For manual reset, a pushbutton must be connected to termi-
nals Y12 and Y13. Reset is monitored.
Automatic reset
For automatic reset, Y12 - Y14 must be linked.
Cross-circuit detection
Cross-circuit is detected on dual-channel wired systems, if
these are wired with opposing polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92