Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UE48-2OS2D2 Fiches technique(PDF) 52 Page - SICK AG

No de pièce UE48-2OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 Fiches technique(HTML) 52 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 48Page - SICK AG UE48-2OS2D2 Datasheet HTML 49Page - SICK AG UE48-2OS2D2 Datasheet HTML 50Page - SICK AG UE48-2OS2D2 Datasheet HTML 51Page - SICK AG UE48-2OS2D2 Datasheet HTML 52Page - SICK AG UE48-2OS2D2 Datasheet HTML 53Page - SICK AG UE48-2OS2D2 Datasheet HTML 54Page - SICK AG UE48-2OS2D2 Datasheet HTML 55Page - SICK AG UE48-2OS2D2 Datasheet HTML 56Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
5 2
ue43-3ar
Electrical output circuits: 13/14, 23/24, 33/34, 41/42
response time
≤ 10 ms 1)
number of enable current (n/o) contacts
3, relevant for safety
number of signalling current (n/c) contacts 1, not safety-relevant
contact type
Positively driven
contact material
Silver alloy, gold flashed
Switching voltage
Enable current contact 5 V AC/DC ... 300 V AC/DC
Signalling current contact 5 V AC/DC ... 300 V AC/DC
Switching current
Enable current contact 10 mA ... 8 A
Signalling current contact 10 mA ... 8 A
usage category
AC-15/DC-13
rated operating current (voltage)
4 A (230 V AC) 360 switching cycles/h
4 A (24 V DC) 3600 switching cycles/h
maximum switching frequency
3600/h
mechanical life (relay contacts)
1 x 107 switching cycles
electrical life (relay contacts)
1 x 106 switching cycles
1)
K1/K2.
Operating data
ue43-3ar2d2
ue43-3ar3d2
rated impulse withstand voltage u
imp
4 kV
overvoltage category
II
rated insulation voltage u
i
300 V AC
test voltage
2 kV (50 Hz) (EN 60439-1)
enclosure rating
Clamps
IP 20 (EN 60529)
Housing
IP 40 (EN 60529)
Interference emission
EN 61000-6-4
Interference resistance
EN 61000-6-2
ambient operating temperature
–25 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
connection type
Screw-type terminals
Plug-in screw-type terminals
conductor cross-section
Single wire (2x, same cross-section)
Single wire (1x)
Fine wire with ferrules (2x, same cross-section)
Fine wire with ferrules (1x)
0.14 mm² ... 0.75 mm²
0.14 mm² ... 2.5 mm²
0.25 mm² ... 0.5 mm²
0.25 mm² ... 2.5 mm²
dimensions (W x H x d)
22.5 mm x 114 mm x 96.5 mm
Weight
0.27 kg
ordering information
connection type
type
Part no
Screw-type terminals
UE43-3AR2D2
6034565
Plug-in screw-type terminals
UE43-3AR3D2
6034568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com