Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1160N081L-TR-FE Fiches technique(PDF) 1 Page - Nisshinbo Micro Devices Inc.

No de pièce R1160N081L-TR-FE
Description  3-MODE 200mA LDO REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NISSHINBO [Nisshinbo Micro Devices Inc.]
Site Internet  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1160N081L-TR-FE Fiches technique(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  R1160N081L-TR-FE Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1160N081L-TR-FE Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
R1160x SERIES
3-MODE 200mA LDO REGULATOR
NO.EA-083-140530
1
OUTLINE
The R1160x Series consist of CMOS-based voltage regulator ICs with high output voltage accuracy, low
supply current, and low ON-resistance. Each of these voltage regulator ICs consists of a voltage reference unit,
an error amplifier, resistors for setting Output Voltage, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. To prevent the destruction by over
current, current limit circuit is included. The R1160x Series have 3-mode. One is standby mode with CE or
standby control pin. Other two modes are realized with ECO pin™. Fast Transient Mode (FT mode) and Low
Power Mode (LP mode) are alternative with ECO pin™. Consumption current is reduced to 1/10 at Low Power
Mode compared with Fast Transient Mode. Output voltage is maintained between FT mode and LP mode.
The output voltage of these ICs is internally fixed with high accuracy. Since the packages for these ICs are
SOT-23-5 and SON-6 packages, high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current (Low Power Mode)............................... Typ. 3.5μA (VOUT ≤ 1.5V)
• Supply Current (Fast Transient Mode).......................... Typ. 40μA
• Supply Current (Standby Mode).................................... Typ. 0.1μA
• Dropout Voltage ............................................................ Typ. 0.14V (IOUT=200mA, VOUT=2.8V)
• Ripple Rejection............................................................ Typ. 70dB (f=1kHz, FT Mode)
• Temperature-Drift Coefficient of Output Voltage ........... Typ. ±100ppm/°C
• Line Regulation ............................................................. Typ. 0.05%/V
• Output Voltage Accuracy............................................... ±2.0% (±3.0% at LP Mode)
• Output Voltage Range................................................... 0.8V to 3.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Input Voltage Range ..................................................... 1.4V to 6.0V
• Built-in Fold Back Protection Circuit ............................. Typ. 50mA (Current at short mode)
• Packages ..................................................................... SOT-23-5, SON-6
APPLICATIONS
• Precision Voltage References.
• Power source for electrical appliances such as cameras, VCRs and hand-held communication equipment.
• Power source for battery-powered equipment.
*R1160D (SON-6) is the discontinued product. As of March in 2015.


Numéro de pièce similaire - R1160N081L-TR-FE

FabricantNo de pièceFiches techniqueDescription
logo
RICOH electronics devic...
R1160N081A RICOH-R1160N081A Datasheet
1Mb / 27P
SOT23-5 3-MODE 200mA LDO REGULATOR
Rev. 1.10
R1160N081A RICOH-R1160N081A Datasheet
462Kb / 35P
3-MODE 200mA LDO REGULATOR
R1160N081A-TR RICOH-R1160N081A-TR Datasheet
1Mb / 27P
SOT23-5 3-MODE 200mA LDO REGULATOR
Rev. 1.10
R1160N081A-TR-FE RICOH-R1160N081A-TR-FE Datasheet
527Kb / 31P
3-MODE 200mA LDO REGULATOR
April 1, 2012
R1160N081B RICOH-R1160N081B Datasheet
1Mb / 27P
SOT23-5 3-MODE 200mA LDO REGULATOR
Rev. 1.10
More results

Description similaire - R1160N081L-TR-FE

FabricantNo de pièceFiches techniqueDescription
logo
RICOH electronics devic...
R1160N RICOH-R1160N Datasheet
1Mb / 27P
SOT23-5 3-MODE 200mA LDO REGULATOR
Rev. 1.10
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
3-MODE 200mA LDO REGULATOR
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
Dual Channel 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160 RICOH-R1160 Datasheet
527Kb / 31P
3-MODE 200mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Nisshinbo Micro Devices...
RP202X NISSHINBO-RP202X Datasheet
1Mb / 28P
Low Power / Fast Mode Alternative 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com