Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RP202X Fiches technique (PDF) - Nisshinbo Micro Devices Inc.

RP202X Datasheet PDF - Nisshinbo Micro Devices Inc.
No de pièce RP202X
Télécharger  RP202X Télécharger
Taille du fichier   1688.66 Kbytes
Page   28 Pages
Fabricant  NISSHINBO [Nisshinbo Micro Devices Inc.]
Site Internet  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Power / Fast Mode Alternative 200mA LDO Regulator

RP202X Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RP202X Datasheet PDF - Nisshinbo Micro Devices Inc.

No de pièce RP202X
Télécharger  RP202X Click to download

Taille du fichier   1688.66 Kbytes
Page   28 Pages
Fabricant  NISSHINBO [Nisshinbo Micro Devices Inc.]
Site Internet  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Power / Fast Mode Alternative 200mA LDO Regulator

RP202X Fiches technique (HTML) - Nisshinbo Micro Devices Inc.


RP202X Détails du produit

FEATURES
 Input Voltage Range ······································· 1.4V to 5.25V
 Output Voltage Range ····································· 0.8V to 4.0V (0.1V steps)
 Supply Current (IOUT=0mA) ······························· Typ. 2.5μA
 Supply Current (IOUT=10mA)······························ Typ. 50μA
 Supply Current (Standby Mode)························· Typ. 0.1μA
 Dropout Voltage ············································· Typ. 0.20V (IOUT=200mA, VOUT=2.8V)
 Ripple Rejection············································· Typ. 70dB (f=1kHz, VOUT=2.8V, IOUT=30mA)
 Line Regulation·············································· Typ. 0.02%/V (IOUT=10mA)
 Packages ····················································· DFN(PLP)1010-4, SC-88A, SOT-23-5
 Built-in Foldback Protection Circuit ····················· Typ. 60mA (Current at short mode)
 Built-in Constant Slope Circuit (Soft-start Function)
 Ceramic capacitors are recommended to be used with this IC 0.47μF or more




Numéro de pièce similaire - RP202X

FabricantNo de pièceFiches techniqueDescription
logo
RICOH electronics devic...
RP202 RICOH-RP202 Datasheet
601Kb / 26P
Input Voltage Range 1.4V to 5.25V
April 1, 2012
RP202K081B-TR-FE RICOH-RP202K081B-TR-FE Datasheet
601Kb / 26P
Input Voltage Range 1.4V to 5.25V
April 1, 2012
RP202K081D-TR-FE RICOH-RP202K081D-TR-FE Datasheet
601Kb / 26P
Input Voltage Range 1.4V to 5.25V
April 1, 2012
RP202K121B-TR-FE RICOH-RP202K121B-TR-FE Datasheet
601Kb / 26P
Input Voltage Range 1.4V to 5.25V
April 1, 2012
RP202K121D-TR-FE RICOH-RP202K121D-TR-FE Datasheet
601Kb / 26P
Input Voltage Range 1.4V to 5.25V
April 1, 2012
More results


Description similaire - RP202X

FabricantNo de pièceFiches techniqueDescription
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
3-MODE 200mA LDO REGULATOR
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160 RICOH-R1160 Datasheet
527Kb / 31P
3-MODE 200mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1160X NISSHINBO-R1160X Datasheet
425Kb / 31P
3-MODE 200mA LDO REGULATOR
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com