Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32W108CB Fiches technique(PDF) 150 Page - STMicroelectronics

No de pièce STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Fiches technique(HTML) 150 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics STM32W108CB Datasheet HTML 148Page - STMicroelectronics STM32W108CB Datasheet HTML 149Page - STMicroelectronics STM32W108CB Datasheet HTML 150Page - STMicroelectronics STM32W108CB Datasheet HTML 151Page - STMicroelectronics STM32W108CB Datasheet HTML 152Page - STMicroelectronics STM32W108CB Datasheet HTML 153Page - STMicroelectronics STM32W108CB Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
150/278
Doc ID 16252 Rev 14
9.12.16
Serial controller receive DMA saved counter channel B register
(SCx_DMARXCNTSAVEDR)
Address offset: 0xC870 (SC1_DMARXCNTSAVEDR) and 0xC070
(SC2_DMARXCNTSAVEDR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CNT[12:0]:
9.12.17
Serial interface (SC1/SC2) register map
Table 31 gives the SC1/SC2 register map and reset values.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CNT[12:0]
r
r
r
r
r
rr
rr
rr
r
r
Bits [31:13]
Bits [12:0]
Receive DMA count saved in SPI slave mode when nSSEL deasserts. The count is only
saved the first time nSSEL deasserts.
Table 31.
SC1/SC2 register map and reset values
Offset
Register
0xA808
SC1_ISR
Reset value
00
000
00
000
00
000
0xA848
SC1_IER
Reset value
00
000
00
000
00
000
0xA854
SC1_ICR
Reset value
000
0xC83C
SC1_DR
DR[7:0]
Reset value
000
00
000
0xC854
SC1_CR
Reset value
00
0xC860
SC1_CRR1
LIN[3:0]
Reset value
00
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More