| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE812BJR Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE812BJR Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 51 page ![]() Touchscreen controller STMPE812 36/51 Doc ID 17732 Rev 3 Table 13. Data valid status byte structure Data Valid Status Read in data port is useful together with Pen Down mode whereby accessing the ISR is not needed so as to achieve the best I2C bandwidth efficiency (i.e. minimal I2C transactions). Note: Reading the Data valid Status byte also clears the ISR. Table 12. Touchscreen controller data register TSCDetectConfig2 Number of bytes to read from TSCData Byte0 Byte1 Byte2 Byte3 Byte4 OpMode StatusRead 0 0 4 [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y [7:0] of Z 1 0 3 [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y - 01 5 Data Valid Status [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y [7:0] of Z 11 4 Data Valid Status [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y - 76 54 32 10 RESERVED DATA VALID RESERVED [7:2]Bit[0]: Reserved [1] “1’ Touch data available/ valid ‘0’ Touch data not available/ not valid Bit reset upon read. Obsolete Product(s) - Obsolete Product(s) |