Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812BJR Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STMPE812BJR
Description  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812BJR Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STMPE812BJR Datasheet HTML 41Page - STMicroelectronics STMPE812BJR Datasheet HTML 42Page - STMicroelectronics STMPE812BJR Datasheet HTML 43Page - STMicroelectronics STMPE812BJR Datasheet HTML 44Page - STMicroelectronics STMPE812BJR Datasheet HTML 45Page - STMicroelectronics STMPE812BJR Datasheet HTML 46Page - STMicroelectronics STMPE812BJR Datasheet HTML 47Page - STMicroelectronics STMPE812BJR Datasheet HTML 48Page - STMicroelectronics STMPE812BJR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
STMPE812
Package mechanical section
Doc ID 17732 Rev 3
45/51
Figure 10.
Footprint recommendation
Table 23.
Flip-chip CSP 12 mechanical data
Symbol
Millimeters
Min
Typ
Max
A
0.585
0.650
0.715
A1
0.21
0.25
0.29
A2
–0.35–
b
0.265
0.315
0.365
D
2.122.172.22
D1
–
1.5
–
E
1.621.671.72
E1
–
1.0
–
e0.450.5
0.55
fD
–
0.335
–
fE
–
0.335
–
SD
–0.25–
ccc
–
0.08
–
$
–
0.05
–
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51