| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L062C8U6DTR Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L062C8U6DTR Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 124 page ![]() DS10183 Rev 11 43/124 STM32L062x8 Pin descriptions 45 25 25 A2 38 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1 - 26 26 B3 39 PB3 I/O FT - SPI1_SCK, TIM2_CH2, TSC_G5I_O1, EVENTOUT COMP2_INN 27 27 A3 40 PB4 I/O FT - SPI1_MISO, EVENTOUT, TSC_G5_IO2, TIM22_CH1 COMP2_INP 28 28 C4 41 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM22_CH2 COMP2_INP 29 29 B4 42 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, TSC_G5_IO3 COMP2_INP 30 30 A4 43 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, TSC_G5_IO4 COMP2_INP, PVD_IN 31 31 C5 44 BOOT0 I B - - - - 32 B5 45 PB8 I/O FTf - TSC_SYNC, I2C1_SCL - 32 - D6 47 VSS S - - - 1 1 A5 48 VDD S - - - 1. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. Table 15. STM32L062x8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |