Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7A3VG Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STM32H7A3VG
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Fiches technique(HTML) 4 Page - STMicroelectronics

  STM32H7A3VG Datasheet HTML 1Page - STMicroelectronics STM32H7A3VG Datasheet HTML 2Page - STMicroelectronics STM32H7A3VG Datasheet HTML 3Page - STMicroelectronics STM32H7A3VG Datasheet HTML 4Page - STMicroelectronics STM32H7A3VG Datasheet HTML 5Page - STMicroelectronics STM32H7A3VG Datasheet HTML 6Page - STMicroelectronics STM32H7A3VG Datasheet HTML 7Page - STMicroelectronics STM32H7A3VG Datasheet HTML 8Page - STMicroelectronics STM32H7A3VG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 237 page
background image
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of the STM32H7A3xI/G
microcontrollers.
This document should be read in conjunction with the STM32H7A3xI/G reference manual (RM0455). The
reference manual is available from the STMicroelectronics website .
For information on the device errata with respect to the datasheet and reference manual, refer to the
STM32H7A3xI/G errata sheet (ES0478), available on the STMicroelectronics website .
For information on the Arm® Cortex®-M7 core, refer to the Cortex®-M7 Technical Reference Manual, available
from the www.arm.com website
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
STM32H7A3xI/G
Introduction
DS13195 - Rev 8
page 4/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More