Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7A3VG Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32H7A3VG
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 50Page - STMicroelectronics STM32H7A3VG Datasheet HTML 51Page - STMicroelectronics STM32H7A3VG Datasheet HTML 52Page - STMicroelectronics STM32H7A3VG Datasheet HTML 53Page - STMicroelectronics STM32H7A3VG Datasheet HTML 54Page - STMicroelectronics STM32H7A3VG Datasheet HTML 55Page - STMicroelectronics STM32H7A3VG Datasheet HTML 56Page - STMicroelectronics STM32H7A3VG Datasheet HTML 57Page - STMicroelectronics STM32H7A3VG Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
-
-
-
P8
-
-
-
-
-
-
M9
PJ4
I/O
FT
UART9_CTS, LCD_R5,
EVENTOUT
-
-
-
52
-
M6
N7
58
N8
-
-
-
49
R6
59
P8
PF11
I/O
FT_ah1
SPI5_MOSI,
OCTOSPIM_P1_NCLK,
SAI2_SD_B,
FMC_SDNRAS,
DCMI_D12/PSSI_D12,
EVENTOUT
ADC1_INP2
-
-
-
-
N6
P11
59
R9
-
-
-
50
P6
60
M6
PF12
I/O
FT_ah2
OCTOSPIM_P2_DQS,
FMC_A6, EVENTOUT
ADC1_INP6,
ADC1_INN2
-
-
-
-
-
F10
-
K8
-
-
-
51
M8
61
K7
VSS
S
-
-
-
-
-
-
-
-
L12
-
K9
-
-
-
52
N8
62
L8
VDD
S
-
-
-
-
-
-
-
G7
N11
60
M8
-
-
-
53
N6
63
N6
PF13
I/O
FT_ah2
DFSDM1_DATIN6,
I2C4_SMBA, FMC_A7,
EVENTOUT
ADC2_INP2
-
-
53
K7
H7
R10
61
P9
-
-
-
54
R7
64
P6
PF14
I/O
FT_fah2
DFSDM1_CKIN6,
I2C4_SCL, FMC_A8,
EVENTOUT
ADC2_INP6,
ADC2_INN2
-
-
54
-
J7
N10
62
N9
-
-
-
55
P7
65
M8
PF15
I/O
FT_fh2
I2C4_SDA, FMC_A9,
EVENTOUT
-
-
-
-
-
K7
P8
63
R10
-
-
-
56
N7
66
N7
PG0
I/O
FT_h2
OCTOSPIM_P2_IO4,
UART9_RX, FMC_A10,
EVENTOUT
-
-
-
55
-
-
F12
64
-
-
-
-
-
K8
-
-
VSS
S
-
-
-
-
-
56
-
-
M5
65
-
-
-
-
-
N10
-
-
VDD
S
-
-
-
-
-
-
-
L7
N9
66
P10
-
-
-
57
M7
67
M7
PG1
I/O
FT_h2
OCTOSPIM_P2_IO5,
UART9_TX, FMC_A11,
EVENTOUT
OPAMP2_VINM
40
H5
57
L7
G8
P9
67
M9
-
H5
37
58
R8
68
R8
PE7
I/O
FT_ah2
TIM1_ETR,
DFSDM1_DATIN2,
UART7_Rx,
OCTOSPIM_P1_IO4,
FMC_D4/FMC_DA4,
EVENTOUT
OPAMP2_VOUT,
COMP2_INM
41
J6
58
H6
H8
N8
68
R11
-
J5
38
59
P8
69
N9
PE8
I/O
FT_ah2
TIM1_CH1N,
DFSDM1_CKIN2,
UART7_Tx,
OCTOSPIM_P1_IO5,
FMC_D5/FMC_DA5,
COMP2_OUT,
EVENTOUT
OPAMP2_VINM
-
K6
59
J6
J8
R11
69
P11
-
K5
39
60
P9
70
P9
PE9
I/O
FT_ah2
TIM1_CH1,
DFSDM1_CKOUT,
UART7_RTS,
OCTOSPIM_P1_IO6,
FMC_D6/FMC_DA6,
EVENTOUT
OPAMP2_VINP,
COMP2_INP
-
-
-
K6
M11
G6
70
K10
-
-
-
61
K9
71
K8
VSS
S
-
-
-
-
-
-
L6
N11
M9
71
J10
-
-
-
62
N9
72
L9
VDD
S
-
-
-
-
H6
60
G6
M8
R9
72
N11
-
G6
40
63
R9
73
R9
PE10
I/O
FT_ah2
TIM1_CH2N,
DFSDM1_DATIN4,
UART7_CTS,
OCTOSPIM_P1_IO7,
FMC_D7/FMC_DA7,
EVENTOUT
COMP2_INM
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 54/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com