Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7A3VG Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce STM32H7A3VG
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 69Page - STMicroelectronics STM32H7A3VG Datasheet HTML 70Page - STMicroelectronics STM32H7A3VG Datasheet HTML 71Page - STMicroelectronics STM32H7A3VG Datasheet HTML 72Page - STMicroelectronics STM32H7A3VG Datasheet HTML 73Page - STMicroelectronics STM32H7A3VG Datasheet HTML 74Page - STMicroelectronics STM32H7A3VG Datasheet HTML 75Page - STMicroelectronics STM32H7A3VG Datasheet HTML 76Page - STMicroelectronics STM32H7A3VG Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 237 page
background image
Table 13. Port F alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/
LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/
PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/
TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/SPI4/5/
SPI6/I2S6
DFSDM1/2/I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/SPI2/
I2S2/SPI3/
I2S3/SPI6/
I2S6/UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/LCD/
OCTOSPIM_P1/2/
SDMMC2/SPDIFRX1/
TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/OTG1_HS/
SAI2/SDMMC2/TIM8
DFSDM1/2/
I2C4/LCD/
MDIOS/
OCTOSPIM_P1/
SDMMC2/
SWPMI1/TIM1/8/
UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/
DCMI/
PSSI/LCD/
TIM1
LCD/
UART5
SYS
PF0
-
-
-
-
I2C2_SDA
-
-
-
-
OCTOSPIM_P2_IO0
-
-
FMC_A0
-
-
EVENTOUT
PF1
-
-
-
-
I2C2_SCL
-
-
-
-
OCTOSPIM_P2_IO1
-
-
FMC_A1
-
-
EVENTOUT
PF2
-
-
-
-
I2C2_SMBA
-
-
-
-
OCTOSPIM_P2_IO2
-
-
FMC_A2
-
-
EVENTOUT
PF3
-
-
-
-
-
-
-
-
-
OCTOSPIM_P2_IO3
-
-
FMC_A3
-
-
EVENTOUT
PF4
-
-
-
-
-
-
-
-
-
OCTOSPIM_P2_CLK
-
-
FMC_A4
-
-
EVENTOUT
PF5
-
-
-
-
-
-
-
-
-
OCTOSPIM_
P2_NCLK
-
-
FMC_A5
-
-
EVENTOUT
PF6
-
TIM16_CH1
-
-
-
SPI5_SS
SAI1_SD_B
UART7_Rx
-
-
OCTOSPIM_P1_IO3
-
-
-
-
EVENTOUT
PF7
-
TIM17_CH1
-
-
-
SPI5_SCK
SAI1_MCLK_B
UART7_Tx
-
-
OCTOSPIM_P1_IO2
-
-
-
-
EVENTOUT
PF8
-
TIM16_CH1N
-
-
-
SPI5_MISO
SAI1_SCK_B
UART7_RTS
-
TIM13_CH1
OCTOSPIM_P1_IO0
-
-
-
-
EVENTOUT
PF9
-
TIM17_CH1N
-
-
-
SPI5_MOSI
SAI1_FS_B
UART7_CTS
-
TIM14_CH1
OCTOSPIM_P1_IO1
-
-
-
-
EVENTOUT
PF10
-
TIM16_BKIN
SAI1_D3
-
PSSI_D15
-
-
-
-
OCTOSPIM_P1_CLK
-
-
-
DCMI_D11/
PSSI_D11
LCD_DE
EVENTOUT
PF11
-
-
-
-
-
SPI5_MOSI
-
-
-
OCTOSPIM_
P1_NCLK
SAI2_SD_B
-
FMC_SDNRAS
DCMI_D12/
PSSI_D12
-
EVENTOUT
PF12
-
-
-
-
-
-
-
-
-
OCTOSPIM_
P2_DQS
-
-
FMC_A6
-
-
EVENTOUT
PF13
-
-
-
DFSDM1_DATIN6
I2C4_SMBA
-
-
-
-
-
-
-
FMC_A7
-
-
EVENTOUT
PF14
-
-
-
DFSDM1_CKIN6
I2C4_SCL
-
-
-
-
-
-
-
FMC_A8
-
-
EVENTOUT
PF15
-
-
-
-
I2C4_SDA
-
-
-
-
-
-
-
FMC_A9
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More