Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7A3VG Fiches technique(PDF) 226 Page - STMicroelectronics

No de pièce STM32H7A3VG
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Fiches technique(HTML) 226 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 222Page - STMicroelectronics STM32H7A3VG Datasheet HTML 223Page - STMicroelectronics STM32H7A3VG Datasheet HTML 224Page - STMicroelectronics STM32H7A3VG Datasheet HTML 225Page - STMicroelectronics STM32H7A3VG Datasheet HTML 226Page - STMicroelectronics STM32H7A3VG Datasheet HTML 227Page - STMicroelectronics STM32H7A3VG Datasheet HTML 228Page - STMicroelectronics STM32H7A3VG Datasheet HTML 229Page - STMicroelectronics STM32H7A3VG Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 237 page
background image
Date
Revision
Changes
Added note to td(SDCLKL- SDNE) maximum value in Table 86. SDRAM read
timings, Table 87. LPSDR SDRAM read timings, Table 88. SDRAM write timings
and Table 89. LPSDR SDRAM write timings.
Updated Figure 56. Typical connection diagram using the ADC with FT/TT pins
featuring analog switch function and notes below figures.
Added note to tSAMP in Table 96. DAC characteristics.
Updated Table 108. DFSDM measured timing 1.62-3.6 V.
In Table 117. USART characteristics, replaced tsu(SI) and tsu(MI) by tsu(RX), th(SI)
and th(MI) by th(RX), tv(SO) and tv(MO) by tv(TX), and th(SO) and th(MO) by th(TX).
Updated Section 7.1.1 Device marking for LQFP64, Section 7.1 LQFP64
package information, Section 7.2 LQFP100 package information,
Section 7.3 TFBGA100 package information, Section 7.6.1 Device marking for
LQFP176, Section 7.7.1 Device marking for TFBGA216, Section 7.8 TFBGA225
package information, Section 7.9 UFBGA169 package information and
Section 7.10 UFBGA(176+25) package information.
Added Section Important security notice.
STM32H7A3xI/G
DS13195 - Rev 8
page 226/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More