| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L010R8 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L010R8 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 92 page ![]() Pin descriptions STM32L010K8 STM32L010R8 32/92 DS12325 Rev 3 19 42 PA9 I/O FT - MCO - 20 43 PA10 I/O FT - - - 21 44 PA11 I/O FT - SPI1_MISO, EVENTOUT - 22 45 PA12 I/O FT - SPI1_MOSI, EVENTOUT - 23 46 PA13 I/O FT - SWDIO - - 47 VSS S - - - - - 48 VDDIO2 S - - - - 24 49 PA14 I/O FT - SWCLK, USART2_TX - 25 50 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1 - - 51 PC10 I/O FT - LPUART1_TX - - 52 PC11 I/O FT - LPUART1_RX - -53 PC12 I/O FT - - - - 54 PD2 I/O FT - LPUART1_RTS - 26 55 PB3 I/O FT - SPI1_SCK, TIM2_CH2, EVENTOUT - 27 56 PB4 I/O FT - SPI1_MISO, EVENTOUT - 28 57 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA - 29 58 PB6 I/O FT - I2C1_SCL, LPTIM1_ETR - 30 59 PB7 I/O FT - I2C1_SDA, LPTIM1_IN2 VREF_PVD_IN 31 60 BOOT0 I B - - - - 61 PB8 I/O FT - I2C1_SCL - - 62 PB9 I/O FT - EVENTOUT, I2C1_SDA - 32 63 VSS S - - - - 164 VDD S - - - - 1. Digital power supply. 2. Device reset input/internal reset output (active low). 3. Analog power supply. 4. Digital and analog ground. Table 10. Pin definitions (continued) Pin number Pin name (function after reset) Pin type I/O struc ture Not es Pin functions Alternate functions Additional functions |